Electronic Components Datasheet Search
  English  ▼

X  

HMP7 Datasheet(PDF) 1 Page - Vaisala

Part # HMP7
Description  Relative Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP7 Datasheet(HTML) 1 Page - Vaisala

  HMP7 Datasheet HTML 1Page - Vaisala HMP7 Datasheet HTML 2Page - Vaisala HMP7 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HMP7 Relative Humidity and
Temperature Probe
For high humidities
Features
• RH accuracy up to ±0.8 %RH
• Temperature accuracy up to
±0.1 °C (±0.18 °F)
• Temperature measurement range
−70 … +180 °C (−94 … +356 °F)
• Vapor and pressure proof
construction
• Condensation prevention with
probe heating
• Sensor purge improves long-term
stability and chemical resistance
• Modbusâ RTU over RS-485
• Compatible with Vaisala Indigo
products and Insight PC software
• Traceable calibration certificate:
6 points for humidity, 1 point for
temperature
Vaisala HUMICAPâ Humidity and Temperature Probe HMP7 is designed for
applications that involve constant high humidity or rapid changes in humidity, such as
drying and test chambers, combustion air, and other humidifiers and meteorological
measurements, where measurement performance and chemical tolerance are
essential.
Proven Vaisala HUMICAPâ
performance
Vaisala is the original innovator of the
thin-film capacitive humidity
measurement technology, which has now
become the industry standard in
humidity measurement.
HUMICAPâ technology results from
Vaisala's 40-year experience in industrial
humidity measurement, providing the
best stability, fast response time, and low
hysteresis in a wide range of
applications.
Avoiding condensation at
extreme humidity
Probe heating functionality heats up not
only the sensor, but the whole probe
head. When probe temperature is heated
above dew point temperature,
condensation on the probe can be
avoided while measuring the dew point
temperature of the process. By setting
the temperature compensation value
obtained, for example, with the TMP1
temperature probe, true relative
humidity at process temperature can be
measured while avoiding condensation
by elevated probe temperature.
Flexible connectivity
The probe can be used as a standalone
digital Modbus RTU transmitter over an
RS-485 serial bus, and it can also be
connected to Indigo transmitters and the
Indigo80 handheld indicator. For easy-
to-use access to field calibration, device
analytics, and configuration functionality,
the probe can be connected to Vaisala
Insight software for Windowsâ. For more
information, see www.vaisala.com/
insight.
Vaisala Indigo product family
Indigo transmitters extend the
capabilities of Indigo-compatible
measurement probes. The transmitters
can display measurements on the spot as
well as transmit them to automation
systems through analog signals, digital
outputs, and relays. Cable length
between probe and transmitter can be
extended to up to 30 meters.
The Indigo80 handheld indicator is ideal
for spot-checking and process
monitoring, as well as for configuring,
troubleshooting, calibrating, and
adjusting the probe. For more
information, see www.vaisala.com/
indigo.


Similar Part No. - HMP7

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP75 VAISALA-HMP75 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
HMP76 VAISALA-HMP76 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
HMP77 VAISALA-HMP77 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
More results

Similar Description - HMP7

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
Temperature and Relative Humidity Module
logo
Vaisala
HMP4 VAISALA-HMP4 Datasheet
606Kb / 3P
HMP4 Relative Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com