Electronic Components Datasheet Search
  English  ▼

X  

HMP8 Datasheet(PDF) 1 Page - Vaisala

Part # HMP8
Description  Relative Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP8 Datasheet(HTML) 1 Page - Vaisala

  HMP8 Datasheet HTML 1Page - Vaisala HMP8 Datasheet HTML 2Page - Vaisala HMP8 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HMP8 Relative Humidity and
Temperature Probe
For pressurized and vacuum processes
Features
• RH accuracy up to ±0.8 %RH
• Temperature accuracy up to
±0.1 °C (±0.18 °F)
• Operating pressure 0 … 4 MPa
(0 … 40 bar)
• Temperature measurement range
−70 … +180 °C (−94 … +356 °F)
• Sensor purge improves long-term
stability and chemical resistance
• Probe installation depth can be
freely adjusted and probe can be
hot-swapped from pressurized
pipelines with an optional ball
valve kit
• Modbusâ RTU over RS-485
• Compatible with Vaisala Indigo
products and Insight PC software
• Traceable calibration certificate:
6 points for humidity, 1 point for
temperature
Vaisala HUMICAPâ Humidity and Temperature Probe HMP8 is designed for
pressurized applications in compressed air systems, refrigerant dryers, and other
pressurized industrial applications, where easy insertion and removal of the probe and
adjustable installation depth into the pipeline are needed.
Proven Vaisala HUMICAPâ
performance
Vaisala is the original innovator of the
thin-film capacitive humidity
measurement technology, which has now
become the industry standard in
humidity measurement.
HUMICAPâ technology results from
Vaisala's 40-year experience in industrial
humidity measurement, providing the
best stability, fast response time, and low
hysteresis in a wide range of
applications.
Sensor purge minimizes
effects of contaminants
In environments with high
concentrations of chemicals and cleaning
agents, the sensor purge option helps to
maintain measurement accuracy
between calibration intervals.
Sensor purge involves heating the sensor
to remove harmful chemicals. The
function can be initiated manually or
programmed to occur at set intervals.
Flexible connectivity
The probe can be used as a standalone
digital Modbus RTU transmitter over an
RS-485 serial bus, and it can also be
connected to Indigo transmitters and the
Indigo80 handheld indicator. For easy-
to-use access to field calibration, device
analytics, and configuration functionality,
the probe can be connected to Vaisala
Insight software for Windowsâ. For more
information, see www.vaisala.com/
insight.
Vaisala Indigo product family
Indigo transmitters extend the
capabilities of Indigo-compatible
measurement probes. The transmitters
can display measurements on the spot as
well as transmit them to automation
systems through analog signals, digital
outputs, and relays. Cable length
between probe and transmitter can be
extended to up to 30 meters.
The Indigo80 handheld indicator is ideal
for spot-checking and process
monitoring, as well as for configuring,
troubleshooting, calibrating, and
adjusting the probe. For more
information, see www.vaisala.com/
indigo.


Similar Part No. - HMP8

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HMP8112 HARRIS-HMP8112 Datasheet
563Kb / 40P
NTSC/PAL Video Decoder
HMP8112ACN HARRIS-HMP8112ACN Datasheet
719Kb / 40P
NTSC/PAL Video Decoder
HMP8112CN HARRIS-HMP8112CN Datasheet
563Kb / 40P
NTSC/PAL Video Decoder
HMP8112EVAL2 HARRIS-HMP8112EVAL2 Datasheet
719Kb / 40P
NTSC/PAL Video Decoder
HMP8112EVAL2 HARRIS-HMP8112EVAL2 Datasheet
563Kb / 40P
NTSC/PAL Video Decoder
More results

Similar Description - HMP8

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
TE Connectivity Ltd
HTM2500LF TEC-HTM2500LF Datasheet
291Kb / 9P
Temperature and Relative Humidity Module
logo
Vaisala
HMP4 VAISALA-HMP4 Datasheet
606Kb / 3P
HMP4 Relative Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com