Electronic Components Datasheet Search
  English  ▼

X  

HMP9 Datasheet(PDF) 2 Page - Vaisala

Part # HMP9
Description  Compact Humidity and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP9 Datasheet(HTML) 2 Page - Vaisala

  HMP9 Datasheet HTML 1Page - Vaisala HMP9 Datasheet HTML 2Page - Vaisala HMP9 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Measurement performance
Relative humidity
Measurement range
0 … 100 %RH
Accuracy at +23 °C (+73.4 °F) 1)
±0.8 %RH (0 … 90 %RH)
Factory calibration uncertainty 2)
±0.7 %RH (0 … 40 %RH)
±1 %RH (40 … 95 %RH)
T63 response time 3)
15 s
Sensor
HUMICAPâ I
Temperature
Measurement range
−40 … +120 °C (−40 … +248 °F)
Accuracy at +23 °C (+73.4 °F) 1)
±0.1 °C (±0.18 °F)
Factory calibration uncertainty 2)
±0.1 °C (±0.18 °F) at +23 °C (+73.4 °F)
T63 response time 3)
70 s
1)
Defined against calibration reference. Including non-linearity, hysteresis, and repeatability.
2) Defined as ±2 standard deviation limits. Small variations possible; see calibration certificate.
3) In still air.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Temperature [°C]
3.5
4.0
90
...
100
%RH
0 ... 90 %RH
HMP9 humidity measurement accuracy as a function of
temperature
0
0.1
0.2
0.3
0.4
Temperature [°C]
0.5
HMP9 temperature measurement accuracy over full
range
Operating environment
Operating temperature of probe body
−40 … +60 °C (−40 … +140 °F)
Operating temperature of probe head
−40 … +120 °C (−40 … +248 °F)
Storage temperature
−40 … +60 °C (−40 … +140 °F)
Operating environment
Suitable for outdoor use when
protected from rain
Measurement environment
For air, nitrogen, hydrogen, argon,
helium, and oxygen 1)
IP rating of probe body
IP65
1)
Consult Vaisala if other chemicals are present. Consider safety regulations with flammable gases.
Inputs and outputs
Operating voltage
15 … 30 V DC
Current consumption
5 mA typical, 400 mA max.
Digital output
RS-485, non-isolated
Default serial settings
19200 bps N 8 2
Protocol
Modbus RTU
Output parameters
Absolute humidity (g/m3)
Relative humidity (%RH)
Absolute humidity at NTP (g/m3)
Relative humidity (dew/frost) (%RH)
Dew point temperature (°C)
Temperature (°C)
Dew/frost point temperature (°C)
Water concentration (ppmv)
Dew/frost point temperature at 1 atm
(°C)
Water concentration (wet basis)
(vol‑%)
Dew point temperature at 1 atm (°C)
Water mass fraction (ppmw)
Dew point temperature difference (°C) Water vapor pressure (hPa)
Enthalpy (kJ/kg)
Water vapor saturation pressure
(hPa)
Mixing ratio (g/kg)
Wet-bulb temperature (°C)
Compliance
EU directives and regulations
EMC Directive (2014/30/EU)
RoHS Directive (2011/65/EU)
amended by 2015/863
EMC compatibility
EN 61326‑1, industrial environment
Compliance marks
CE, China RoHS, RCM
Mechanical specifications
Connector
M12 5-pin A-coded male
Weight
68 g (2.40 oz)
Probe cable length
2 m (6.56 ft)
Materials
Probe
AISI 316L
Probe body
PBT
Cable overmolds
FEP
Accessories
HMP9 calibration adapter for HMK15
ASM213801
HMP9 duct installation kit
ASM214055
Solar radiation shield DTR502B with
sensor head support 215130
DTR502B and 215130
Indigo USB adapter 1)
USB2
1)
Vaisala Insight software for Windows available at www.vaisala.com/insight.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com