Electronic Components Datasheet Search
  English  ▼

X  

CTBP6550 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP6550
Description  10mm low profile 90° rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP6550 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP6550 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
49
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
S TANDARD
PCB TERMINAL
BLOCKS
0 02
10mm lo w pr ofile 90° rising clamp
t erminal blocks
Pr oduct o v ervie w
• 1 and 2 pole double interlocking mechanism
for increased strength
• Moulded in green UL94-V0 flame retardant
PA
• Professional rising clamp terminals
• Cable acceptance - 0.33-1.3mm2 (22-16
AWG)
• Guided pin alignment
• Captive screws
• C
US
approved
SPECIFICATION
Rating
16A / 300V
Insulation resistance
500M Ω / 500V
Withstand voltage
AC 1600V / 1Min
Contact resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Rising clamp
Nickel plated brass
Screw/torque
M2.5 steel, zinc plated / 0.4Nm
Recommended PCB
hole size
Ø1.3mm
PART NO.
POLES
LENG TH
CTBP6550/1
1
10mm
CTBP6550/1/15
1
15mm
CTBP6550/2
2
15mm
CTBP6550/3
3
25mm
CTBP6550/4
4
35mm
CTBP6550/5
5
45mm
CTBP6550/6
6
55mm
CTBP6550/7
7
65mm
CTBP6550/8
8
75mm
CTBP6550/9
9
85mm
CTBP6550/10
10
95mm
CTBP6550/11
11
105mm
CTBP6550/12
12
115mm
KEY FEATURES
L o w pr ofile | Double int erlocking mechanism | Rising clamp t erminals
CTBP6550
2.50
10.00
10.00(XX-1)
PCB LAYOUT
3.50+0.3
SECTION: A-A
10.00(XX-1)
2.50
0.90
10.00
5.00(2XX-1)
0.60
A
A


Similar Part No. - CTBP6550

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP6000 CAMDENBOSS-CTBP6000 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6000/1 CAMDENBOSS-CTBP6000/1 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6000/1/15 CAMDENBOSS-CTBP6000/1/15 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6000/10 CAMDENBOSS-CTBP6000/10 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6000/11 CAMDENBOSS-CTBP6000/11 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
More results

Similar Description - CTBP6550

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTB0202 CAMDENBOSS-CTB0202 Datasheet
372Kb / 1P
10mm pitc h standard profile rising clamp terminal blocks
CTB0602 CAMDENBOSS-CTB0602 Datasheet
354Kb / 1P
10mm pitc h l ow profile rising clamp terminal blocks
CTBP01HL CAMDENBOSS-CTBP01HL Datasheet
378Kb / 1P
7.62mm standard profile 90° rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0305 CAMDENBOSS-CTBP0305 Datasheet
386Kb / 1P
3.5mm low profile vertical rising clamp terminal blocks
CTBP0308 CAMDENBOSS-CTBP0308 Datasheet
381Kb / 1P
3.81mm low profile vertical rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
5mm low profile 90° rising clamp terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP4000 CAMDENBOSS-CTBP4000 Datasheet
396Kb / 1P
10mm pitch low profile 45° rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com