Electronic Components Datasheet Search
  English  ▼

X  

RX200 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # RX200
Description  200 series small ABS boxes with lid-UL94-HB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

RX200 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  RX200 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
UNIVERS AL ENCLO SURES
312
DIECAST
ACCESSORIES
HANDHELD CASES
268
2 92
318
342
348
3 67
370
UNIVERSAL
ENCLOSURES
HEAVY DUTY
AND ELECTRICAL
ENCLOSURES
DESKTOP AND
INSTRUMENT
CASES
DEVELOPMENT
BOARD
ENCLOSURES
ROOM SENSOR
ENCLOSURES
CUSTOM SIZED
ENCLOSURES
200 series small ABS bo x es with lid
- UL94-HB
Pr oduct o v ervie w
Extensive range of ABS boxes for electrical
components. Supplied with lid.
• Encapsulate and protect electronic
components
• Ideal for partial or complete potting
• Moulded in ABS, UL94-HB
• Lid mounted by 4x fixing screws
• Highly resistant to most chemicals
• High rigidity and impact strength
SPECIFICATION
Materials
ABS UL94-HB
Operating temperature
-10°C to +60°C
Standard colours
Black and white
Standard unit colours
Lid and base
4x screws
Packs of 5
BLACK
WHITE
LENG TH
WIDTH
HEIGHT
RX2002/S-5
-
23mm
16mm
11mm
RX2003/S-5
-
26mm
18mm
13mm
RX2004/S-5
-
29mm
21mm
14mm
RX2005/S-5
RX2005/S-5-WH
34mm
24mm
16mm
RX2KL03/S-5
-
37mm
18mm
13mm
RX2006/S-5
RX2006/S-5-WH
40mm
28mm
18mm
RX2KL04/S-5
-
42mm
21mm
15mm
RX2007/S-5
RX2007/S-5-WH
46mm
32mm
20mm
RX2KL05/S-5
-
49mm
24mm
16mm
RX2008/S-5
RX2008/S-5-WH
54mm
38mm
23mm
RX2KL06/S-5
-
58mm
28mm
18mm
RX2009/S-5
RX2009/S-5-WH
64mm
44mm
25mm
RX2KL07/S-5
-
67mm
32mm
20mm
RX2010/S-5
RX2010/S-5-WH
74mm
50mm
28mm
KEY FEATURES
Chemical r esis tant | High impact s tr ength | Moulded in ABS
RX200


Similar Part No. - RX200

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX200-20 NTE-RX200-20 Datasheet
45Kb / 7P
ECG Electronics Degreaser
More results

Similar Description - RX200

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
logo
List of Unclassifed Man...
1599TABL ETC1-1599TABL Datasheet
431Kb / 2P
Enclosure m olded from FR ABS (UL94-V0) plastic.
logo
Cooper Bussmann, Inc.
HB1030-2R5106-R COOPER-HB1030-2R5106-R Datasheet
254Kb / 2P
Supercapacitors HB Series
logo
Hammond Manufacturing L...
1593JTBU HAMMOND-1593JTBU Datasheet
265Kb / 1P
Enclosure molded from GP ABS (UL94-HB) plastic.
logo
List of Unclassifed Man...
MB6W ETC2-MB6W Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
BM11W ETC2-BM11W Datasheet
94Kb / 1P
ABS Boxes
logo
Hammond Manufacturing L...
1553B HAMMOND-1553B Datasheet
355Kb / 1P
Enclosure m olded from GP ABS (UL94-HB) plastic.
logo
Tyco Electronics
HB15M0FZRE MACOM-HB15M0FZRE Datasheet
111Kb / 2P
Type HB Series
logo
List of Unclassifed Man...
SCB1W ETC2-SCB1W Datasheet
29Kb / 2P
Small Multipurpose Boxes
logo
CamdenBoss Ltd.
RX500 CAMDENBOSS-RX500 Datasheet
290Kb / 1P
500 series small flanged ABS boxes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com