Electronic Components Datasheet Search
  English  ▼

X  

19201 Datasheet(PDF) 1 Page - Belden Inc.

Part # 19201
Description  Portable Cordage, (2) 12 AWG (65x30) BC, EPDM/Rubber, Type SO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

19201 Datasheet(HTML) 1 Page - Belden Inc.

  19201 Datasheet HTML 1Page - Belden Inc. 19201 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 19201
Portable Cordage, (2) 12 AWG (65x30) BC, EPDM/Rubber, Type SO
Product Description
Two 12 AWG stranded (65x30) bare copper conductors, EPDM insulation, rubber jacket.
Technical Specifications
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
12 AWG 65x30
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s)
EPDM - Ethylene Propylene Diene
Monomer
0.052 in (1.3 mm) 0.201 in mm
Black, White
Outer Shield
Material
No Shield
Outer Jacket
Separator
Material
Nom. Thickness Nom. Diameter
Paper Tape CPE - Chlorinated Polyethylene (Thermoset) 0.1 in (2.5 mm)
0.61 in
Overall Cable Diameter (Nominal):
0.61 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
1.7 Ohm/1000ft
31 Amps per Conductor at 25ºC (18 Amps over 50 ft)
18 Amps per Conductor at 25ºC (over 50 ft)
Voltage
UL Voltage Rating
600 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
90°C
-25°C to 90°C
Bend Radius
Stationary Min. Installation Min.
6.1 in (150 mm)
6.1 in
Max. Pull Tension:
169 lbs (76.7 kg)
Bulk Cable Weight:
191 lbs/1000ft


Similar Part No. - 19201

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
19201 CLARE-19201 Datasheet
189Kb / 7P
Single Driver for GaAs FET Switches and Attenuators
logo
Festo Corporation.
192010 FESTO-192010 Datasheet
86Kb / 1P
Plug
logo
Molex Electronics Ltd.
19201EV10M1 MOLEX11-19201EV10M1 Datasheet
46Kb / 2P
1.50mm Pitch NSCC, Wire-to-Wire, Receptacle Housing, Gray, 10 Circuits
More results

Similar Description - 19201

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19105 BELDEN-19105 Datasheet
147Kb / 2P
Portable Cordage, 3 C #10 Str BC, EPDM Ins, Rubber Jkt, UL Type S
05-05-2023
19106 BELDEN-19106 Datasheet
149Kb / 2P
Portable Cordage, 3 C #12 Str BC, EPDM Ins, Rubber Jkt, UL Type S
05-05-2023
19206 BELDEN-19206 Datasheet
149Kb / 2P
Portable Cordage, 3 C #12 Str BC, EPDM Ins, CPE Jkt, UL Type SO
01-20-2023
8479 BELDEN-8479 Datasheet
148Kb / 2P
Portable Cordage, 3 C #14 Str BC, EPDM Ins, Rubber Jkt, UL Type SJ
12-19-2023
19120 BELDEN-19120 Datasheet
144Kb / 2P
Portable Cordage, 2 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type SV
05-05-2023
19125 BELDEN-19125 Datasheet
148Kb / 2P
Portable Cordage, 3 C #18 Str BC, EPDM Ins, Rubber Jkt, UL Type SJ
05-05-2023
19202 BELDEN-19202 Datasheet
144Kb / 2P
Portable Cordage, 2 C #14 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
19204 BELDEN-19204 Datasheet
144Kb / 2P
Portable Cordage, 2 C #18 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
19203 BELDEN-19203 Datasheet
144Kb / 2P
Portable Cordage, 2 C #16 Str BC, EPDM Ins, CPE Jkt, UL Type SO
05-05-2023
8472 BELDEN-8472 Datasheet
139Kb / 2P
Portable Cordage, 2 C #16 Str BC, EPDM Ins, Rubber Jkt, UL Type SJ
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com