Electronic Components Datasheet Search
  English  ▼

X  

19508 Datasheet(PDF) 1 Page - Belden Inc.

Part # 19508
Description  Portable Cordage, 2 C #14 Str BC, PVC Ins, PVC Jkt, UL Type SJTOW-A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

19508 Datasheet(HTML) 1 Page - Belden Inc.

  19508 Datasheet HTML 1Page - Belden Inc. 19508 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 19508
Portable Cordage, 2 C #14 Str BC, PVC Ins, PVC Jkt, UL Type SJTOW-A
Product Description
Portable Cordage, 2 Conductor 14AWG (41x30) Bare Copper, PVC Insulation, PVC Outer Jacket, UL Type SJTOW-A
Technical Specifications
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 2
14 AWG 41x30
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Conductor(s) PVC - Polyvinyl Chloride 0.033 in (0.84 mm) 0.139 in (3.53 mm)
Blue, Brown
Outer Shield
Material
No Shield
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
Paper Tape PVC - Polyvinyl Chloride 0.032 in (0.81 mm) 0.348 in
Overall Cable Diameter (Nominal): 0.348 in
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
2.76 Ohm/1000ft
15 Amps per Conductor at 25ºC (10 Amps over 50 ft)
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C Dry, 60°C Wet -35°C To +60°C Wet/105°C Dry
Bend Radius
Stationary Min.
Installation Min.
3.48 in (88.4 mm) 3.48 in
Max. Pull Tension:
106.6 lbs (48.35 kg)
Bulk Cable Weight:
62 lbs/1000ft
Standards and Compliance


Similar Part No. - 19508

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1950858 PHOENIX-1950858 Datasheet
57Kb / 4P
Printed-circuit board connector - GMSTB 2,5/ 6-ST GY
1950861 PHOENIX-1950861 Datasheet
43Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-STF GY
1950874 PHOENIX-1950874 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 8-GF GY
logo
Weidmuller
1950880000 WEIDMULLER-1950880000 Datasheet
544Kb / 7P
SVZ 7.62HP/02/180FC SN BK BX
1950890000 WEIDMULLER-1950890000 Datasheet
546Kb / 7P
SVZ 7.62HP/03/180FC SN BK BX
More results

Similar Description - 19508

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19500 BELDEN-19500 Datasheet
148Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type STOW-A
05-05-2023
19505 BELDEN-19505 Datasheet
145Kb / 2P
Portable Cordage, 3 C #14 Str BC, PVC Ins, PVC Jkt, UL Type STOW-A
12-22-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19352 BELDEN-19352 Datasheet
139Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19363 BELDEN-19363 Datasheet
142Kb / 2P
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19510 BELDEN-19510 Datasheet
145Kb / 2P
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJTOW-A
01-20-2023
9998 BELDEN-9998 Datasheet
139Kb / 2P
Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19402 BELDEN-19402 Datasheet
176Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-11-2023
19502 BELDEN-19502 Datasheet
149Kb / 2P
Portable Cordage, 2 C #14 Str BC, PVC Ins, PVC Jkt, UL Type STOW-A
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com