Electronic Components Datasheet Search
  English  ▼

X  

MA4 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # MA4
Description  Max. load 2,000N (push/pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

MA4 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  MA4 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. MA4 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MA4
series
Product Segments
• Industrial Motion
General Features
Max. load
2,000N (push/pull)
Max. speed at max. load
6.1mm/s
Max. speed at no load
46.1mm/s
Retracted length
≥ 215mm (depending on chosen options)
IP rating
IP69K
Stroke
25~1000mm
Output signals
Adjustable Reed switch, mechanical Pot.,
Hall sensor(s), NPN Hall sensors
Options
T-Smart
Voltage
12/24V DC; 12/24V DC (thermal switch)
Operational temperature range
-40°C~+85°C
Operational temperature range
+5°C~+45°C
at full performance
Manual drive
TiMOTION's MA4 series is a compact electric linear actuator, suited for almost
any working condition. Furthermore, the MA4 has an optional T-Smart version.
Embedded with a TiMOTION driver board, the MA4 allows for easy integration with
different control interfaces, eliminating the need of an external control box.
The MA4 is available in three T-Smart alternatives:
1)T-Smart Advanced
The T-Smart Advanced alternative allows for synchronization of up to 8 actuators,
as well as accurate position feedback through a variety of options (Hall, Hall-Pot.,
PWM).
2) T-Smart SAE J1939
This alternative provides seamless integration with CAN bus SAE J1939 interfaces,
the standardized communication protocol commonly implemented in off-road
vehicles and other industrial applications.
3)T-Smart Modbus
Modbus is a serial communication protocol predominantly used in industrial
automation and process control. The T-Smart Modbus alternative can be smoothly
incorporated into existing industrial systems.
All T-Smart alternatives are compatible with TiMOTION’s software program,
PGMA, providing the user autonomy to adjust parameters such as speed,
stroke limits, soft stop, soft start, and much more.


Similar Part No. - MA4

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
MA4 GREENLEE-MA4 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
logo
Altech corporation
MA4.0U ALTECH-MA4.0U Datasheet
222Kb / 3P
Three Phase Adjustable Trip Miniature Circuit Breakers/ Manual Motor Controllers
logo
Panasonic Semiconductor
MA4000 PANASONIC-MA4000 Datasheet
76Kb / 6P
Silicon planar type
MA4000 PANASONIC-MA4000 Datasheet
72Kb / 5P
Silicon planar type
logo
Chauvin Arnoux Metrix
MA4000D CHAUVINARNOUX-MA4000D Datasheet
1Mb / 2P
Stand-Alone Current Testers that Fit Anywhere with Built-In Display!
More results

Similar Description - MA4

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com