Electronic Components Datasheet Search
  English  ▼

X  

TA12 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TA12
Description  Max. load 12,000N (push); 6,000N (pull)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA12 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TA12 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA12 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA12 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA12 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA12 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA12 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA12 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA12 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA12 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (3800RPM, Duty Cycle 10%)
B
12000
6000
12000
2.0
10.0
7.2
4.0
C
7000
6000
7000
2.5
9.0
14.4
8.1
D
4000
4000
4000
2.5
9.5
28.7
16.2
E
2500
2500
2500
2.5
8.5
43.1
24.3
F
1500
1500
1500
2.5
7.5
57.3
32.3
Motor Speed (3000RPM, Duty Cycle 10%)
G
10000
6000
10000
2.0
10.0
11.0
5.2
H
12000
6000
12000
2.0
7.5
5.5
3.1
J
7000
6000
7000
2.0
7.5
11.3
6.0
K
4000
4000
4000
2.0
7.0
22.7
12.7
L
2500
2500
2500
2.0
6.5
34.0
19.1
M
1500
1500
1500
2.0
6.0
45.3
25.5
CODE
Load (N)
Max Stroke (mm)
B, G, H
≥ 8000
450
D, E, F, K, L, M
< 6000
1000
Standard Dimensions
(mm)
Drawing
Note
1 Please refer to the approved drawing for the final authentic value.
2 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
3 Operational temperature range at full performance: +5°C~+45°C
4 The current & speed in table are tested when the actuator is extending under push load.
5 The current & speed in table and diagram are tested with TiMOTION control boxes, and there will be around 10% tolerance
depending on different models of the control box. (Under no load condition, the voltage is around 32V DC. At rated load, the voltage
output will be around 24V DC)
6 Standard stroke: Min. ≥ 25mm, Max. please refer to below table.
Retracted Length
12° 33.7
98.8
75
37.5
25.9
180.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com