Electronic Components Datasheet Search
  English  ▼

X  

TA15 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TA15
Description  Max. load 10,000N (push); 5,500N (pull)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA15 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TA15 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA15 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA15 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA15 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA15 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA15 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA15 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Standard Dimensions
(mm)
Drawing
Note
1 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
2 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC. With a 36V DC motor, the current is approximately two-thirds the current measured in 24V DC. Speed will be
similar for all the voltages.
3 The current & speed in table are tested when the actuator is extending under push load.
4 Standard stroke: Min. ≥ 30mm, Max. please refer to below table.
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (3000RPM, Duty Cycle 10%)
T
8000
4000
8000
2.5
6.0
7.9
4.4
Motor Speed (3800RPM, Duty Cycle 10%)
B
10000
4000
10000
2.5
8.5
8.0
4.5
C
8000
4000
8000
2.5
8.5
10.7
6.0
D
5500
5500
5500
2.5
8.0
14.4
8.1
CODE
Load (N)
Max Stroke (mm)
B
10000
500
T, C
8000
500
D
5500
800
100.1
Retracted Length
158
37.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com