Electronic Components Datasheet Search
  English  ▼

X  

TA21 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA21
Description  Max. load 10,000N (push); 6,000N (pull)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA21 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA21 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA21 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TiMOTION’s TA21 electric linear actuator was designed for use in height
adjustable medical and industrial workstations. Customers have a high degree
of design flexibility with this actuator as it does not include a standard outer
tube. This allows manufacturers to decide on the exact aesthetic and ingress
specifications for their electric lifting column and overall application.
General Features
Max. load
10,000N (push); 6,000N (pull)
Max. speed at max. load
6.3mm/s
Max. speed at no load
24.7mm/s
Retracted length
≥ 67mm
Certificate
UL962
Stroke
25~400mm
Output signals
Hall sensors, Reed sensor
Voltage
24V DC; 24V DC (UL)
Color
Black, grey
High design flexibility
Product Segments
• Care Motion
• Ergo Motion
• Industrial Motion
TA21
series


Similar Part No. - TA21

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TA2100PA4K50FE OHMITE-TA2100PA4K50FE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TA2100PA4K50JE OHMITE-TA2100PA4K50JE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
TA2100PA4K50KE OHMITE-TA2100PA4K50KE Datasheet
129Kb / 1P
Power Chip Thick Film on Alumina Substrate
logo
France Joint
TA2100X125X13 FRANCEJOINT-TA2100X125X13 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
TA2100X127X12 FRANCEJOINT-TA2100X127X12 Datasheet
441Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - TA21

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA13 TIMOTION-TA13 Datasheet
610Kb / 8P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA14 TIMOTION-TA14 Datasheet
723Kb / 10P
Max. load 6,000N (push)
20201007-I
TA15 TIMOTION-TA15 Datasheet
833Kb / 7P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TA6 TIMOTION-TA6 Datasheet
745Kb / 10P
Max. load 6,000N (push); 4,000N (pull)
20230920-AG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com