Electronic Components Datasheet Search
  English  ▼

X  

TA29 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TA29
Description  Max. load 6,000N (push); 3,500N (pull)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA29 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TA29 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA29 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA29 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA29 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA29 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA29 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA29 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA29 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Standard Dimensions
(mm)
Drawing
Note
1 Please refer to the approved drawing for the final authentic value.
2 The current & speed in table are tested when the actuator is extending under push load.
3 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
4 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC; speed will be similar for both voltages.
5 The current & speed in table and diagram are tested with TiMOTION control boxes, and there will be around 10% tolerance
depending on different models of the control box. (Under no load condition, the voltage is around 32V DC. At rated load, the voltage
output will be around 24V DC)
6 Standard stroke: Min. ≥ 25mm, Max. please refer to below table.
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (4800RPM, Duty Cycle 10%)
B
1500
1500
1500
1.5
5.0
30.2
17.7
C
2500
2500
2500
1.5
5.0
16.0
9.1
D
3500
3500
3500
1.5
5.0
10.9
6.5
E
4500
3500
4500
1.5
4.5
6.5
4.0
P
6000
3500
6000
1.5
4.5
5.5
3.0
Motor Speed (5200RPM, Duty Cycle 10%)
H
1000
1000
1000
1.5
3.5
30.0
15.0
K
1500
1500
1500
1.5
3.5
20.0
10.0
L
2000
2000
2000
1.5
3.7
15.0
7.5
M
2500
2500
2500
1.5
3.7
10.0
5.0
N
4000
3500
4000
1.5
3.7
5.4
2.8
Load (N)
Max Stroke (mm)
6000
450
3500 ≤ load ≤ 4500
600
< 3500
1000
142.5
48
Retracted Length



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com