Electronic Components Datasheet Search
  English  ▼

X  

TA29AC Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TA29AC
Description  Max. load 4,000N (push/pull)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA29AC Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TA29AC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA29AC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA29AC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA29AC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA29AC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA29AC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA29AC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Standard Dimensions
(mm)
Drawing
Note
1 Please refer to the approved drawing for the final authentic value.
2 The current & speed in table are tested when the actuator is extending under push load.
3 Standard stroke: Min. 25mm, Max. please refer to below table.
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
With Load
No Load
With Load
220V AC
220V AC
220V AC
220V AC
Motor Speed (5200RPM, Duty Cycle 10%)
M
2500
2500
1000
2500
0.6
1.2
9.5
6.5
N
4000
4000
4000
0.4
1.2
5.5
4.5
CODE
Load (N)
Max Stroke (mm)
M
≤ 2500
1000
N
≤ 4000
600
263
Retracted Length
48
52.2
12.2
ø10.2
17
22.6
ø10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com