Electronic Components Datasheet Search
  English  ▼

X  

TA4 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA4
Description  Max. load 3,500N (push); 2,000N (pull)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA4 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA4 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA4 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA4 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA4 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA4 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA4 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA4 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA4 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA4 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
TiMOTION’s TA4 series linear actuator is compact, quiet and powerful. It
is designed to fit in an area specifically requiring a right angle motor and can
be equipped with a Hall sensor for feedback. Certifications for the TA4 linear
actuator include IEC60601-1, ES60601-1, UL73 and EMC. In addition, the TA4
is available with an optional IP54 or 66 rating.
General Features
Max. load
3,500N (push); 2,000N (pull)
Max. speed at max. load
3.1mm/s
Max. speed at no load
36.9mm/s
Retracted length
≥ Stroke + 140mm
IP rating
IP66
Certificate
IEC60601-1, ES60601-1, UL73, EMC
Options
Hall sensors
Voltage
12/24V DC; 24V DC (PTC)
Color
Silver
Operational temperature range
+5°C~+45°C
Low noise
Product Segments
• Comfort Motion
TA4
series


Similar Part No. - TA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA4-05B-1 ETC-TA4-05B-1 Datasheet
3Mb / 32P
TORQUE PRODUCTS
TA4-05B-2 ETC-TA4-05B-2 Datasheet
3Mb / 32P
TORQUE PRODUCTS
TA4-05F-1 ETC-TA4-05F-1 Datasheet
3Mb / 32P
TORQUE PRODUCTS
TA4-05F-2 ETC-TA4-05F-2 Datasheet
3Mb / 32P
TORQUE PRODUCTS
TA4-10B-1 ETC-TA4-10B-1 Datasheet
3Mb / 32P
TORQUE PRODUCTS
More results

Similar Description - TA4

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL8 TIMOTION-TL8 Datasheet
482Kb / 6P
Max. load 2,000N (push)
20220712-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com