Electronic Components Datasheet Search
  English  ▼

X  

TL10 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL10
Description  Maximum load 800N in push
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL10 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL10 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL10 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL10 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL10 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL10 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
TL10
series
TiMOTION’s TL10 series lifting columns are specifically designed for use in
ergonomic desks and work tables. Using multiple TL series lifting columns
with compatible TC series Control Boxes and TH/TDH series controls, work
surfaces can be controlled quietly and smoothly with synchronous movement.
All Ergo Motion TC series control boxes have a less than 0.1W standby power
option that reduces power consumption. Our wide range of columns offer
customers the solutions they require to satisfy their working environment
project requirements. The TL10 has a three part telescopic outer tube that is
designed for a narrow-top, wide-bottom rectangular appearance.
General Features
Maximum load
800N in push
Maximum speed at full load
33mm/s (with 800N in a push condition)
Minimum installation dimension
590 / 560 (M) mm
Stroke
650 / 660 (M) mm
Dimension of outer tube (L*W)
80*60mm
Color
Black, white, grey, or special colors
Three part outer tube with rectangular appearance
With narrow top and wide bottom configuration
Product Segments
• Ergo Motion


Similar Part No. - TL10

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL10003AF TRANSKO-TL10003AF Datasheet
597Kb / 5P
100.0 MHz IF SAW Filter / 3.07 MHz Bandwidth
Revision 0: 26 Aug. 2008
logo
STMicroelectronics
TL1006 STMICROELECTRONICS-TL1006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL100NJ ETC-TL100NJ Datasheet
393Kb / 4P
TemBreak Plus For High Demand Applications Ics=Icu=50kA & 85kA, Selectivity with 3:1 MCCB ratio
logo
E-SWITCH
TL1014 E-SWITCH-TL1014 Datasheet
158Kb / 1P
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
TL1014AF180QG E-SWITCH-TL1014AF180QG Datasheet
158Kb / 1P
TACT SWITCHES SMT - SIDE MOUNT ACTUATED
More results

Similar Description - TL10

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com