Electronic Components Datasheet Search
  English  ▼

X  

TL12 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL12
Description  Max. load 800N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL12 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL12 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL12 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL12 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL12 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL12 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Segments
• Ergo Motion
TL12
series
TiMOTION’s TL12 series lifting columns are specifically designed for use in
ergonomic desks and work tables. Using multiple TL series lifting columns
with compatible TC series Control Boxes and TH / TDH series controls, work
surfaces can be controlled quietly and smoothly with synchronous movement.
All Ergo Motion TC series control boxes have a less than 0.1W standby power
option that reduces power consumption. Our wide range of columns offer
customers the solutions they require to satisfy their working environment
project requirements. The TL12 has a three stage telescopic outer tube that is
designed for a wide-top, narrow-bottom rectangular appearance.
Additionally, the TL12 features an option for a longer stroke of 950mm, which
makes this column a versatile solution for many applications such as a TV lift.
General Features
Max. load
800N (push)
Max. speed at max. load
39mm/s
Max. speed at no load
48mm/s
Retracted length
590 / 560 (M) / 700 (XL) mm
Dimension of outer tube
80*60mm rectangular
Stages
3-stage, upside down
Stroke
650 / 660 (M) / 950 (XL) mm
Output signals
Hall sensors
Voltage
24V DC, 24V DC (UL)
With motor house


Similar Part No. - TL12

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL12020CD1 TRANSKO-TL12020CD1 Datasheet
627Kb / 4P
120.00 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 23 Jun. 2008
TL12022AV TRANSKO-TL12022AV Datasheet
664Kb / 4P
120.0 MHz IF SAW Filter / 19.5 MHz Bandwidth
Revision 0: 16 Jan. 2008
TL12022BS TRANSKO-TL12022BS Datasheet
635Kb / 4P
120.00 MHz IF SAW Filter / 21.85 MHz Bandwidth
Revision 0: 22 Aug. 2011
TL12024AV TRANSKO-TL12024AV Datasheet
628Kb / 4P
120.0 MHz IF SAW Filter / 24.21 MHz Bandwidth
Revision 0: 28 May 2009
logo
Littelfuse
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results

Similar Description - TL12

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com