Electronic Components Datasheet Search
  English  ▼

X  

TL13S Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL13S
Description  Max. load 700N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL13S Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL13S Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL13S Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL13S Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL13S Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL13S Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Product Segments
• Ergo Motion
TL13S
series
TiMOTION’s TL13S series lifting columns are specifically designed for use
inergonomic desks and work tables. Using multiple TL series lifting columns
with compatible TC series control boxes and TH / TDH series controls, work
surfaces can be controlled quietly and smoothly with synchronous movement.
All Ergo Motion TC series control boxes have a less than 0.1W standby power
option that reduces power consumption. Our wide range of columns offers
customers the solutions they require to satisfy their project requirements. The
TL13S has a two stage telescopic outer tube that is designed for a narrow-top,
wide-bottom square appearance.
General Features
Max. load
700N (push)
Max. speed at max. load
30mm/s
Max. speed at no load
38mm/s
Retracted length
Standard (compatible with foot): 645mm
Extended (compatible with shoe): 665mm
Dimension of outer tube
70*70mm square
Stages
2-stage
Stroke
500mm
Output signals
Hall sensors
Voltage
24V DC
With motor house


Similar Part No. - TL13S

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
logo
Transko Electronics, In...
TL13007AV TRANSKO-TL13007AV Datasheet
398Kb / 3P
130.9 MHz IF SAW Filter / 7.65 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL13007BS1 TRANSKO-TL13007BS1 Datasheet
397Kb / 3P
130.90 MHz IF SAW Filter / 7.80 MHz Bandwidth
Revision 2: 1 Oct. 2007
TL133002AS TRANSKO-TL133002AS Datasheet
436Kb / 3P
133.2 MHz IF SAW Filter / 430 kHz Bandwidth
Revision 1: 19 Mar. 2010
TL13507AV TRANSKO-TL13507AV Datasheet
457Kb / 4P
135.0 MHz IF SAW Filter / 7.6 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results

Similar Description - TL13S

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA20 TIMOTION-TA20 Datasheet
616Kb / 6P
Max. load 700N (push)
20210408-G
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL4S TIMOTION-TL4S Datasheet
414Kb / 5P
Max. load 700N (push)
20230609-E
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
Max. load 700N (push)
20220517-G
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com