Electronic Components Datasheet Search
  English  ▼

X  

TL14 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TL14
Description  Maximum load 800N in push
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL14 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TL14 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL14 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL14 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL14 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL14 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TL14 Ordering Key
TL14
Version: 20200107-E
Load and Speed
Appearance of
Tubes
Voltage
Cable Length
(mm)
Connector
See page 5
Welding Part
Output Signals
B = With wiper fixing holes at sides
C = Without wiper fixing holes at sides
2 = 24V
See page 5
1 = Straight, 500
4 = Straight, 1500
2 = Hall sensors*2
Stroke &
Retracted Length
(mm)
See page 2
Color
Motor Housing Step
1 = DIN 6P, 90° plug
E = Molex 8P, plug, standard
0 = With
1 = Without
0 = Without
Note
1 The TL is designed especially for push applications, not suitable for pull applications.
1 = Black RAL 9005, black wiper
2 = Grey RAL 9006, black wiper
3 = White RAL 9016, black wiper
4 = Special grey RAL 9022, black wiper
6 = Grey RAL 9006, grey wiper
7 = White RAL 9016, white wiper
8 = Special grey RAL 9022, grey wiper
B = Matte black, RAL 7021, Black wiper
C = Graphite grey RAL7024, Black wiper
D = Matte black, RAL 7021, Matte Black wiper



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com