Electronic Components Datasheet Search
  English  ▼

X  

TL19 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TL19
Description  Max. load 800N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL19 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TL19 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL19 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL19 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL19 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL19 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TL19 Ordering Key
TL19
Version: 20220831-D
Load and Speed
Voltage
Cable Length (mm)
Plug
See page 5
2 = 24V DC
1 = Straight, 350
E = Molex 8P, plug, standard
Stroke & Retracted
Length (mm)
See page 2
See page 5
Color
Output Signals
1 = Black, RAL 9005, Black wiper
2 = Grey, RAL 9006, Black wiper
3 = White, RAL 9016, Black wiper
4 = Special grey, RAL 9022, Black wiper
6 = Grey, RAL 9006, Grey wiper
7 = White, RAL 9016, White wiper
8 = Special grey, RAL 9022, Grey wiper
B = Matte black, RAL 7021, Black wiper
C = Graphite grey, RAL7024, Black wiper
D = Matte black, RAL 7021, Matte Black wiper
2 = Hall sensor*2
Note
1 The TL is designed especially for push applications, not suitable for pull applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com