Electronic Components Datasheet Search
  English  ▼

X  

TL4H Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL4H
Description  Max. load 1,200N (push)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL4H Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL4H Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL4H Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL4H Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL4H Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL4H Datasheet HTML 5Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The TL4H is part of TiMOTION's heavy-duty lifting column series in our Ergo
Motion product line. Each TL4H is designed to support up to a 120kg lift
capacity while maintaining smooth and steady movement. This lifting column
is ideal for consoles, workbenches, industrial workstations, heavy tabletops,
and other applications requiring increased load capacity. Additionally, it is
compatible with control boxes within the Ergo Motion and TEK series.
General Features
Max. load
1,200N (push)
Self-locking force
1,200N
Max. speed at max. load
19mm/s
Max. speed at no load
23mm/s
Retracted length
Standard (compatible with foot):
590 / 560(M) / 520(S) mm
Extended (compatible with shoe):
610 / 580(M) / 540(S) mm
Dimension of outer tube
70*70mm square
Stages
3-stage
Stroke
650 / 660 (M, S) mm
Output signals
Hall sensors
Voltage
24V DC
Color
Black, white, grey, or special grey
Heavy loading lifting column
TL4H
series
Product Segments
• Ergo Motion


Similar Part No. - TL4H

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
logo
TAITRON Components Inco...
TL400 TAITRON-TL400 Datasheet
140Kb / 5P
4A Bridge Rectifier
logo
STMicroelectronics
TL4006 STMICROELECTRONICS-TL4006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
TL400G TAITRON-TL400G Datasheet
126Kb / 4P
4A Glass Passivated Bridge Rectifier
More results

Similar Description - TL4H

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL10H TIMOTION-TL10H Datasheet
445Kb / 5P
Max. load 1,200N (push)
20220908-G
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL12H TIMOTION-TL12H Datasheet
475Kb / 5P
Max. load 1,200N (push)
20221020-F
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com