Electronic Components Datasheet Search
  English  ▼

X  

TL5 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL5
Description  Max. load 800N (push)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL5 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL5 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL5 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL5 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL5 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL5 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL5 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TiMOTION’s TL5 series columns are designed with an extruded steel square
appearance for use in ergonomic furniture applications. Our economical TL5
provides stable vertical lifting. This makes the engineering design process
easier and safer by replacing older style lifting mechanisms that use many
moving stages and have pinch points. The 3 stage telescopic design enables a
greatly reduced retracted height and provides an increased stroke length while
ensuring a high degree of stability.
General Features
Max. load
800N (push)
Max. speed at max. load
20mm/s
Max. speed at no load
36mm/s
Retracted length
560mm
Dimension of outer tube
120*70mm rectangular
Stages
3-stage
Stroke
675mm
Output signals
Hall sensors
Voltage
24V DC, 24V PTC
Current at rated load
5A
Color
Black, white, grey, or special grey
Inline column
TL5
series
Product Segments
• Ergo Motion


Similar Part No. - TL5

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50 BANNER-TL50 Datasheet
1Mb / 8P
TL50 Tower Light
logo
Texas Instruments
TL500 TI-TL500 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Bookham, Inc.
TL5000DCJ BOOKHAM-TL5000DCJ Datasheet
504Kb / 7P
LambdaFLEX??iTLA
TL5000DLJ BOOKHAM-TL5000DLJ Datasheet
176Kb / 7P
LambdaFLEX??iTLA TL5000 Integrable Tunable Laser Assembly
TL5000VCJ BOOKHAM-TL5000VCJ Datasheet
274Kb / 7P
LambdaFLEX??iTLA Integrable Tunable Laser Assembly with variable output power
More results

Similar Description - TL5

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
Max. load 800N (push)
20200303-F
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com