Electronic Components Datasheet Search
  English  ▼

X  

TL8 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL8
Description  Max. load 2,000N (push)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL8 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL8 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL8 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TL8
series
TiMOTION’s TL8 series columns are designed with a 3 stage cylindrical appearance
and built-in motors. It was designed primarily for use in medical applications. The
TL8 provides stable vertical lifting. This makes the engineering design process
easier and safer by replacing older style lifting mechanisms that use many moving
stages and have pinch points. The TL8 is suitable for the medical bed applications.
General Features
Max. load
2,000N (push)
Max. dynamic bending moment
500Nm
Max. static bending moment
1,000Nm
Max. speed at max. load
9.6mm/s
Max. speed at no load
32.6mm/s
Retracted length
≥ (Stroke/2) + 150mm
IP rating
IPX6
Dimension of outer tube
Ø124mm round
Stages
3-stage
Stroke
200~400mm
Certificate
IEC60601-1-2, IEC60601-1, ES60601-1, EMC
Output signals
Hall sensors
Voltage
24V DC (PTC)
Color
Matte silver, black
Operational temperature range
+5°C~+45°C
The TL8 can only be used in pairs; single column usage is not recommended.
The TL8 is recommended for push applications only; pull conditions are not advised.
Multiple cable exit options
Product Segments
• Care Motion


Similar Part No. - TL8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
11-May-16
logo
STMicroelectronics
TL8006 STMICROELECTRONICS-TL8006 Datasheet
262Kb / 4P
SCR
Mar-1995
logo
List of Unclassifed Man...
TL801 ETC2-TL801 Datasheet
112Kb / 1P
TYPICAL INSTALLATION DIAGRAM
TL801 ETC2-TL801 Datasheet
112Kb / 1P
TYPICAL INSTALLATIION DIAGRAM
TL802 ETC2-TL802 Datasheet
112Kb / 1P
TYPICAL INSTALLATION DIAGRAM
More results

Similar Description - TL8

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP3 TIMOTION-JP3 Datasheet
524Kb / 8P
Max. load 2,000N (push/pull)
20230627-H
MA4 TIMOTION-MA4 Datasheet
648Kb / 8P
Max. load 2,000N (push/pull)
20231106-F
MA5 TIMOTION-MA5 Datasheet
1Mb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230802-F
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA2PAC TIMOTION-TA2PAC Datasheet
804Kb / 8P
Max. load 2,000N (push/pull)
20211230-A
TA38M TIMOTION-TA38M Datasheet
666Kb / 7P
Max. load 2,000N (push); 1,500N (pull)
20220407-F
TA4 TIMOTION-TA4 Datasheet
951Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20210521-Q
TA49 TIMOTION-TA49 Datasheet
724Kb / 8P
Max. load 6,000N (push), 2,000N (pull)
20230818-D
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
VN1 TIMOTION-VN1 Datasheet
844Kb / 11P
Max. load 3,500N (push); 2,000N (pull)
20230923-G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com