Electronic Components Datasheet Search
  English  ▼

X  

TL9 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL9
Description  Max. load 800N (push)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL9 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL9 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL9 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL9 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL9 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL9 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL9 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TiMOTION’s TL9 series lifting columns are specifically designed for use in
ergonomic desks and work tables. Using multiple TL series lifting columns
with compatible TC series Control Boxes and TH/TDH series controls, work
surfaces can be controlled quietly and smoothly with synchronous movement.
All Ergo Motion TC series control boxes have a less than 0.1W standby power
option that reduces power consumption. Our wide range of columns offer
customers the solutions they require to satisfy their working environment
project requirements. The TL9 has a three stage telescopic outer tube that is
designed for a narrow-top, wide-bottom round appearance.
General Features
Max. load
800N (push)
Max. speed at max. load
33mm/s
Max. speed at no load
58mm/s
Retracted length
Standard (compatible with foot):
590 / 560(M) / 520(S)mm
Extended (compatible with shoe):
610 / 580(M) / 540(S)mm
Dimension of outer tube
Ø70mm round
Stages
3-stage
Stroke
650 / 660 (M, S) mm
Output signals
Hall sensors
Voltage
24V DC
With motor house
The TL9 can only be used in pairs; single column usage is not recommended
Product Segments
• Ergo Motion
TL9
series


Similar Part No. - TL9

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TL90 3M-TL90 Datasheet
21Kb / 4P
Threadlocker Anaerobic Adhesives
Mar-2010
TL90 3M-TL90 Datasheet
363Kb / 6P
Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
Extech Instruments Corp...
TL900 EXTECH-TL900 Datasheet
310Kb / 1P
SafeSense CAT IV Fused Test Leads
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
TL9000F120Q E-SWITCH-TL9000F120Q Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
More results

Similar Description - TL9

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL10 TIMOTION-TL10 Datasheet
496Kb / 5P
Maximum load 800N in push
20200313-E
TL11 TIMOTION-TL11 Datasheet
303Kb / 5P
Max. load 800N (push)
20170922-D
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL14 TIMOTION-TL14 Datasheet
428Kb / 5P
Maximum load 800N in push
20200107-E
TL15 TIMOTION-TL15 Datasheet
469Kb / 5P
Maximum load 800N in push
20200313-E
TL19 TIMOTION-TL19 Datasheet
261Kb / 5P
Max. load 800N (push)
20220831-D
TL4 TIMOTION-TL4 Datasheet
399Kb / 5P
Max. load 800N (push)
20211228-L
TL5 TIMOTION-TL5 Datasheet
548Kb / 6P
Max. load 800N (push)
20230207-I
TL7 TIMOTION-TL7 Datasheet
351Kb / 5P
Max. load 800N (push)
20200313-F
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com