Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 1 Page - Heyco.

Part # C2012
Description  HEYCo-molded™ Liquid Tight Break-Thru Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

C2012 Datasheet(HTML) 1 Page - Heyco.

  C2012 Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
3-50
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
A
B
• These co-molded nylon and elastomer
parts function as Liquid Tight Plugs
with an IP 67/68 rating, yet can be
pierced by round wire, cable or tubing
to function as Liquid Tight Bushings
with the same resulting IP 67/68 rating.
• Certified by UL under UL 635
• For use in panels as thin as
.02˝ (0,5 mm) and as thick as
.25˝ (6,4 mm).
• Provide liquid tight closure when
used as a plug. When pierced,
function as a liquid tight bushing that
convert raw edged holes to smooth,
neat, insulated holes.
• Used as a liquid tight bushing,
HEYCo-molded Liquid Tight
Break-Thru Plugs insulate and
mechanically protect electrical and
telecommunications cable, tubing,
hose, rope, and utility lines.
• Locking fingers snap into holes with
fingertip pressure.
• Locking fingers in fractional increments
up to the maximum panel thickness.
• Available in multiple sizes for use in
.500˝ (12,7 mm) to 1.500˝ (38,1 mm)
diameter holes.
HEYCo-molded
™ Liquid Tight Break-Thru Plugs
Mounting Hole Diameter Range: .500˝ (12,7 mm) to 1.500˝ (38,1 mm)*
Materials
Nylon 6/6 and TPE
Certifications
Recognized under the Component Program of Underwriters’ Laboratories
File E15331
Flammability Rating
HB
Temperature Range
-40°F (-40°C) to 212°F (100°C)
IP Rating
IP 67/68
Standard color black. Consult Heyco for other colors.
*Consult Heyco for other Mounting Hole Diameters. Our Axcell Rapid Response Team is ready to meet your requirements.
**To order Small Packs, please add the suffix -P to Part No.; e.g., C2008-P
Consult Heyco
for Colors Other
Than Black
Quick
Specs
PANEL DIMENSIONS
CABLE
PART
PACKAGING
DESCRIPTION
PART DIMENSIONS
Thickness
Mounting
DIAMETER
NO.
BULK
SMALL
AB
at Locking
Hole
RANGE
(Standard)
PACK
Head
Overall
Finger Steps
Diameter*
Black
**
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
in.
mm.
With Five Locking Finger Steps – For Panels up to .063˝ (1,6 mm) Thick
.500
12,7
.08 -
2,0 -
C2008
500
10
LTBP 500-063
.92
23,4
.02
0,5
.20
5,1
.625
15,9
.13 -
3,3 -
C2012
500
10
LTBP 625-063
1.03
26,2
.03
0,8
.38
9,5
.750
19,1
.18 -
4,4 -
C2016
500
10
LTBP 750-063
1.15
29,2
.04
1,0
.40
10,2
.32
8,1
.875
22,2
.13 -
3,3 -
C2020
500
10
LTBP 875-063
1.28
32,5
.05
1,2
.45
11,4
1.000
25,4
.20 -.
5,1 -
C2022
500
10
LTBP 1000-063
1.43
36,3
.06
1,6
.72
18,2
1.093
27,8
.25 -
6,4 -
C2024
500
10
LTBP 1093-063
1.53
38,9
.77
19,4
With Seven Locking Finger Steps – For Panels from .063˝ (1,6 mm) to .250˝ (6,4 mm) Thick
.500
12,7
.08 -
2,0 -
C2058
500
10
LTBP 500-250
.92
23,4
.06
.20
5,1
1,6
.625
15,9
.13 -
3,3 -
C2062
500
10
LTBP 625-250
1.03
26,2
.08
.38
9,5
2,0
.750
19,1
.18 -
4,4 -
C2066
500
10
LTBP 750-250
1.15
29,2
.09
.40
10,2
.63
15,9
2,4
.875
22,2
.13 -
3,3 -
C2070
500
10
LTBP 875-250
1.28
32,5
.13
.45
11,4
3,2
1.000
25,4
.20 -
5,1 -
C2072
500
10
LTBP 1000-250
1.43
36,3
.16
.72
18,2
4,0 5,1 1.093
27,8
.25 -
6,4 -
C2074
500
10
LTBP 1093-250
1.53
38,9
.20
.77
19,4
6,4
1.375
34,9
.30 -
7,6 -
C2080
500
10
LTBP 1375-250
1.80
45,7
.25
.95
24,1
.67
17,0
1.500
38,1
.38 -
69,5 -
C2082
500
10
LTBP 1500-250
1.93
49,0
1.0
26,9


Similar Part No. - C2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2012 ETC2-C2012 Datasheet
448Kb / 7P
CAPACITORS
logo
TDK Electronics
C2012 TDK-C2012 Datasheet
1Mb / 55P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
1Mb / 31P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
1Mb / 12P
MULTILAYER CERAMIC CHIP CAPACITORS
C2012 TDK-C2012 Datasheet
2Mb / 55P
MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2008 ETC2-C2008 Datasheet
357Kb / 1P
HEYCo-molded Liquid Tight Break-Thru Plugs
logo
Heyco.
1952 HEYCO-1952 Datasheet
126Kb / 1P
Heyco-Flex™ III Liquid Tight Fittings
3544B HEYCO-3544B Datasheet
134Kb / 1P
Heyco® Nylon Liquid Tight Threaded Plugs
3830 HEYCO-3830 Datasheet
282Kb / 1P
Heyco® TPE Liquid Tight Hole Plugs
8382 HEYCO-8382 Datasheet
179Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8398 HEYCO-8398 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8423 HEYCO-8423 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8430 HEYCO-8430 Datasheet
123Kb / 1P
Heyco-Flex™ I Liquid Tight Conduit
8449 HEYCO-8449 Datasheet
190Kb / 1P
Heyco-Flex™ II Liquid Tight Tubing
8457 HEYCO-8457 Datasheet
125Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com