Electronic Components Datasheet Search
  English  ▼

X  

SCG Datasheet(PDF) 1 Page - Heyco.

Part # SCG
Description  Heyco® Liquid Tight Cordgrips Torque Chart
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEYCO [Heyco.]
Direct Link  https://www.heyco.com/
Logo HEYCO - Heyco.

SCG Datasheet(HTML) 1 Page - Heyco.

  SCG Datasheet HTML 1Page - Heyco.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
“Stay Connected” with
Liquid Tight Cordgrips
®
3-58
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
Heyco®-Tite LTCG and SCG
Hub
Lock Nut
Sealing Nut
Style
in. lbs.
Nm
in. lbs.
Nm
NPT 1/4
Pg 7
15 - 20
1,7 - 2,3
25 - 30
2,8 - 3,4
M12
SCG 500
--
NPT 3/8
Pg 9
33 - 38
3,7 - 4,3
33 - 38
3,7 - 4,3
M16
SCG 625
--
Pg 11
40 - 45
4,5 - 5,1
55 - 65
6,2 - 7,3
SCG 750
--
NPT 1/2
Pg 13.5
40 - 45
4,5 - 5,1
50 - 55
5,6 - 6,2
M20
SCG 875
--
NPT LL 1/2
40 - 45
4,5 - 5,1
Pg 16
100
11,3
70
7,9
SCG 1000
--
NPT 3/4
Pg 21
75 - 80
8,5 - 9,0
M25
80 - 85
9,0 - 9,6
SCG 1.093
--
SCG 1.125
NPT 1
Pg 29
75 - 80
8,5 - 9,0
M32
100 - 110
11,3 - 12,4
SCG 1.250
--
SCG 1.375
NPT 1-1/4
Pg 36
125 - 135 14,1 - 15,3
M40
145-155
16,4 - 17,5
SCG 1.500
--
SCG 1.750
NPT 1-1/2
Pg 42
255
28,8
188
21,2
M50
SCG 2.000
--
NPT 2
Pg 48
300
33,9
255
28,8
M63
SCG 2.375
--
Heyco
® Liquid Tight Cordgrips Torque Chart
Original Series-35 LTF
Hub
Lock Nut
Sealing Nut
Style
in. lbs.
Nm
in. lbs.
Nm
Pg 7
35
4,0
25
2,8
NPT 3/8
40
4,5
40
4,5
Pg 9
Pg 11
45
5,1
65
7,3
NPT 1/2
80
9,0
80
9,0
Pg 13.5
NPT LL 1/2
80
9,0
120
13,6
Pg 16
124
14,0
NPT 3/4
169
19,1
130
14,7
Pg 21
NPT 1
200 - 225 22,6 - 25,4 225 - 250 25,4 - 28,2
Pg 29
225
25,4
275
31,1
Expanded Torque Charts are available on our website.
Visit www.Heyco.com and click on Full Line Catalog.


Similar Part No. - SCG

ManufacturerPart #DatasheetDescription
logo
Eravant
SCG-10020-F2 ERAVANT-SCG-10020-F2 Datasheet
373Kb / 3P
WR-10 Waveguide Cable, Flexible, Armored, 2” Long
Final Rev 2.1
SCG-10040-F2 ERAVANT-SCG-10040-F2 Datasheet
269Kb / 2P
SCG-10040-F2
Advanced Rev. 1.0
SCG-10060-F2 ERAVANT-SCG-10060-F2 Datasheet
269Kb / 2P
WR-10 Waveguide Cable, Flexible, Armored, 6” Long
Rev. 1.0
SCG-10120-F1 ERAVANT-SCG-10120-F1 Datasheet
325Kb / 3P
WR-10 Waveguide Cable, Flexible, 12” Long
Rev 2.0
SCG-10120-F2 ERAVANT-SCG-10120-F2 Datasheet
268Kb / 2P
WR-10 Waveguide Cable, Flexible, Armored, 12” Long
Rev. 1.0
More results

Similar Description - SCG

ManufacturerPart #DatasheetDescription
logo
Heyco.
0150 HEYCO-0150 Datasheet
115Kb / 1P
Heyco® Liquid Tight Cordgrips
3297 HEYCO-3297 Datasheet
186Kb / 1P
Heyco® Liquid Tight Cordgrips LabKit #8
4500 HEYCO-4500 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4530 HEYCO-4530 Datasheet
393Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4560 HEYCO-4560 Datasheet
267Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14890 HEYCO-14890 Datasheet
84Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
14945 HEYCO-14945 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
M3200GBH HEYCO-M3200GBH Datasheet
274Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3228GAP HEYCO-M3228GAP Datasheet
123Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
M3231GAB HEYCO-M3231GAB Datasheet
212Kb / 1P
Heyco®-Tite Liquid Tight Cordgrips
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com