Electronic Components Datasheet Search
  English  ▼

X  

IRF7240PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7240PBF
Description  HEXFET Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7240PBF Datasheet(HTML) 7 Page - International Rectifier

  IRF7240PBF Datasheet HTML 1Page - International Rectifier IRF7240PBF Datasheet HTML 2Page - International Rectifier IRF7240PBF Datasheet HTML 3Page - International Rectifier IRF7240PBF Datasheet HTML 4Page - International Rectifier IRF7240PBF Datasheet HTML 5Page - International Rectifier IRF7240PBF Datasheet HTML 6Page - International Rectifier IRF7240PBF Datasheet HTML 7Page - International Rectifier IRF7240PBF Datasheet HTML 8Page - International Rectifier IRF7240PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IRF7240PbF
www.irf.com
7
Fig 15. Typical Vgs(th) Variance Vs.
Juction Temperature
Fig 16. Typical Power Vs. Time
0.001
0.010
0.100
1.000
10.000
100.000
Time (sec)
0
40
80
120
160
200
-75
-50
-25
0
25
50
75
100
125
150
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
ID = -250µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com