Electronic Components Datasheet Search
  English  ▼

X  

EL8178FSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL8178FSZ
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8178FSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL8178FSZ Datasheet HTML 4Page - Intersil Corporation EL8178FSZ Datasheet HTML 5Page - Intersil Corporation EL8178FSZ Datasheet HTML 6Page - Intersil Corporation EL8178FSZ Datasheet HTML 7Page - Intersil Corporation EL8178FSZ Datasheet HTML 8Page - Intersil Corporation EL8178FSZ Datasheet HTML 9Page - Intersil Corporation EL8178FSZ Datasheet HTML 10Page - Intersil Corporation EL8178FSZ Datasheet HTML 11Page - Intersil Corporation EL8178FSZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN7504.5
March 29, 2007
Application Information
Introduction
The EL8178 is a rail-to-rail input and output (RRIO),
micro-power, precision, single supply op amp with an enable
feature. This amplifier is designed to operate from single
supply (2.4V to 5.0V) or dual supply (
±1.2V to ±2.5V) while
drawing only 55
μA of supply current.The device achieves
rail-to-rail input and output operation while eliminating the
drawbacks of many conventional RRIO op amps.
Rail-to-Rail Input
The PFET input stage of the EL8178 has an input
common-mode voltage range that includes the negative and
positive supplies without introducing offset errors or
degrading performance like some existing rail-to-rail input op
amps. Many rail-to-rail input stages use two differential input
pairs: a long-tail PNP (or PFET) and an NPN (or NFET).
Severe penalties result from using this topology. As the input
signal moves from one supply rail to the other, the op amp
switches from one input pair to the other causing changes in
input offset voltage and an undesired change in the input
offset current’s magnitude and polarity.
The EL8178 achieves rail-to-rail input performance without
sacrificing important precision specifications and without
degrading distortion performance. The EL8178's input offset
voltage exhibits a smooth behavior throughout the entire
common-mode input range.
Rail-to-Rail Output
A pair of complementary MOSFET devices achieves rail-to-rail
output swing. The NMOS sinks current to swing the output in
the negative direction, while the PMOS sources current to
swing the output in the positive direction. The EL8178 with a
100k
Ω load swings to within 3mV of the supply rails.
Results of Over-Driving the Output
Caution should be used when over-driving the output for long
periods of time. Over-driving the output can occur in three
ways:
1. The input voltage times the gain of the amplifier exceeds the
supply voltage by a large value.
2. The output current required is higher than the output stage
can deliver.
3. Operating the device in Slew Rate Limit. These conditions
can result in a shift in the Input Offset Voltage (VOS) as
much as 1µV/hr of exposer under these condition.
Enable/Disable Feature
The EL8178 features an active low EN pin that when pulled
up to at least 2V, disables the output and drops the ICC to a
3µA. The EN pin has an internal pull down, so an undriven
pin pulls to the negative rail, thereby enabling the op amp by
default. For applications where the EN pin is not being used,
it is recommended that the EN pin be permanently tie to
ground.
The high impedance output during disable allows for
connecting multiple EL8178s together to implement a Mux
Amp. The outputs are connected together and activating the
appropriate EN pin selects the desired channel. If utilizing
Pin Descriptions
SO PIN
NUMBER
SOT-23 PIN
NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
NC
No internal connection
2
4
IN-
Circuit 1
Amplifier’s inverting input
3
3
IN+
Circuit 1
Amplifier’s non-inverting input
42
VS-
Circuit 4
Negative power supply
5
NC
No internal connection
6
1
OUT
Circuit 3
Amplifier’s output
76
VS+
Circuit 4
Positive power supply
85
EN
Circuit 2
Amplifier’s enable pin with internal pull-down; Logic “1” selects the disabled state;
Logic “0” selects the enabled state.
EN
OUT
CIRCUIT 3
CIRCUIT 2
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
VS+
VS+
VS+
VS-
VS-
VS-
IN-
VS+
VS-
CIRCUIT 1
IN+
EL8178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com