Electronic Components Datasheet Search
  English  ▼

X  

P80CL51 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # P80CL51
Description  Low voltage 8-bit microcontrollers with UART
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80CL51 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button P80CL51 Datasheet HTML 40Page - NXP Semiconductors P80CL51 Datasheet HTML 41Page - NXP Semiconductors P80CL51 Datasheet HTML 42Page - NXP Semiconductors P80CL51 Datasheet HTML 43Page - NXP Semiconductors P80CL51 Datasheet HTML 44Page - NXP Semiconductors P80CL51 Datasheet HTML 45Page - NXP Semiconductors P80CL51 Datasheet HTML 46Page - NXP Semiconductors P80CL51 Datasheet HTML 47Page - NXP Semiconductors P80CL51 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
1997 Apr 15
44
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART
P80CL31; P80CL51
19 INSTRUCTION SET
The P80CLx1 uses a powerful instruction set which permits the expansion of on-chip CPU peripherals and optimizes
byte efficiency and execution speed. Assigned opcodes add new high-power operation and permit new addressing
modes. The instruction set consists of 49 single-byte, 46 two-byte and 16 three-byte instructions. When using a 12 MHz
oscillator, 64 instructions execute in 1
µs and 45 instructions execute in 2 µs. Multiply and divide instructions execute in
4
µs.
For the description of the Data Addressing modes and Hexadecimal opcode cross-reference see Table 30.
Table 26 Instruction set description: Arithmetic operations
MNEMONIC
DESCRIPTION
BYTES
CYCLES
OPCODE
(HEX)
Arithmetic operations
ADD
A,Rr
add register to A
1
1
2*
ADD
A,direct
add direct byte to A
2
1
25
ADD
A,@Ri
add indirect RAM to A
1
1
26, 27
ADD
A,#data
add immediate data to A
2
1
24
ADDC
A,Rr
add register to A with carry flag
1
1
3*
ADDC
A,direct
add direct byte to A with carry flag
2
1
35
ADDC
A,@Ri
add indirect RAM to A with carry flag
1
1
36, 37
ADDC
A,#data
add immediate data to A with carry flag
2
1
34
SUBB
A,Rr
subtract register from A with borrow
1
1
9*
SUBB
A,direct
subtract direct byte from A with borrow
2
1
95
SUBB
A,@Ri
subtract indirect RAM from A with borrow
1
1
96, 97
SUBB
A,#data
subtract immediate data from A with borrow
2
1
94
INC
A
increment A
1
1
04
INC
Rr
increment register
1
1
0*
INC
direct
increment direct byte
2
1
05
INC
@Ri
increment indirect RAM
1
1
06, 07
DEC
A
decrement A
1
1
14
DEC
Rr
decrement register
1
1
1*
DEC
direct
decrement direct byte
2
1
15
DEC
@Ri
decrement indirect RAM
1
1
16, 17
INC
DPTR
increment data pointer
1
2
A3
MUL
AB
multiply A and B
1
4
A4
DIV
AB
divide A by B
1
4
84
DA
A
decimal adjust A
1
1
D4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com