Electronic Components Datasheet Search
  English  ▼

X  

MOC3072M Datasheet(PDF) 2 Page - ON Semiconductor

Part # MOC3072M
Description  6-Pin DIP Random-Phase Triac Driver Optocoupler (800 V Peak)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MOC3072M Datasheet(HTML) 2 Page - ON Semiconductor

  MOC3072M Datasheet HTML 1Page - ON Semiconductor MOC3072M Datasheet HTML 2Page - ON Semiconductor MOC3072M Datasheet HTML 3Page - ON Semiconductor MOC3072M Datasheet HTML 4Page - ON Semiconductor MOC3072M Datasheet HTML 5Page - ON Semiconductor MOC3072M Datasheet HTML 6Page - ON Semiconductor MOC3072M Datasheet HTML 7Page - ON Semiconductor MOC3072M Datasheet HTML 8Page - ON Semiconductor MOC3072M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MOC3071M, MOC3072M, MOC3073M
www.onsemi.com
2
SAFETY AND INSULATION RATINGS
As per DIN EN/IEC 60747−5−5, this optocoupler is suitable for “safe electrical insulation” only within the safety limit data. Compliance with
the safety ratings shall be ensured by means of protective circuits.
Parameter
Characteristics
Installation Classifications per DIN VDE 0110/1.89 Table 1, For
Rated Mains Voltage
< 150 VRMS
I–IV
< 300 VRMS
I–IV
Climatic Classification
40/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Comparative Tracking Index
175
Symbol
Parameter
Value
Unit
VPR
Input−to−Output Test Voltage, Method A, VIORM x 1.6 = VPR, Type and Sample Test
with tm = 10 s, Partial Discharge < 5 pC
1360
Vpeak
Input−to−Output Test Voltage, Method B, VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 s, Partial Discharge < 5 pC
1594
Vpeak
VIORM
Maximum Working Insulation Voltage
850
Vpeak
VIOTM
Highest Allowable Over−Voltage
6000
Vpeak
External Creepage
≥ 7
mm
External Clearance
≥ 7
mm
External Clearance (for Option TV, 0.4” Lead Spacing)
≥ 10
mm
DTI
Distance Through Insulation (Insulation Thickness)
≥ 0.5
mm
RIO
Insulation Resistance at TS, VIO = 500 V
> 109
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com