Electronic Components Datasheet Search
  English  ▼

X  

P83C524 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # P83C524
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button P83C524 Datasheet HTML 53Page - NXP Semiconductors P83C524 Datasheet HTML 54Page - NXP Semiconductors P83C524 Datasheet HTML 55Page - NXP Semiconductors P83C524 Datasheet HTML 56Page - NXP Semiconductors P83C524 Datasheet HTML 57Page - NXP Semiconductors P83C524 Datasheet HTML 58Page - NXP Semiconductors P83C524 Datasheet HTML 59Page - NXP Semiconductors P83C524 Datasheet HTML 60Page - NXP Semiconductors P83C524 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
1997 Dec 15
57
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
21.2
AC Characteristics 24 MHz version
See notes 1, 2 and 3.; Cl = 100 pF for Port 0, ALE and PSEN; CL = 80 pF for all other outputs unless otherwise
specified.
Notes to the AC Characteristics 16 and 24 MHz versions
1. For the AC Characteristics the following conditions are valid:
a) P83C52x EBx: VDD =5 V ±10%; VSS =0 V; Tamb = 0 to +70 °C; tCK min.=63ns
b) P83C52x EFx: VDD =5V ±10%; VSS =0V; Tamb = −40 to +85 °C; tCK min. = 63 ns.
2. tCK min. = 1/f max. (maximum operating frequency); tCK = clock period (see section for timing symbol definitions).
3. The maximum operating frequency is limited to 16/24 MHz and the minimum to 3.5 MHz (all versions Ixx/Exx).
SYMBOL
PARAMETER
24 MHZ
VARIABLE CLOCK
UNIT
MIN.
MAX.
MIN.
MAX.
External program memory
tLHLL
ALE pulse duration
43
−
2 tCK−40
−
ns
tAVLL
address set-up time to ALE
17
−
tCK−25
−
ns
tLLAX
address hold time after ALE
17
−
tCK−25
−
ns
tLLIV
time from ALE to valid instruction input
−
102
−
4 tCK−65
ns
tLLPL
time from ALE to control pulse PSEN
17
−
tCK−25
−
ns
tPLPH
control pulse duration PSEN
80
−
3 tCK−45
−
ns
tPLIV
time from PSEN to valid instruction input
−
65
−
3 tCK−60
ns
tPXIX
input instruction hold time after PSEN
0
−
0
−
ns
tPXIZ
input instruction float delay after PSEN
−
17
−
tCK−25
ns
tAVIV
address to valid instruction input
−
128
−
5 tCK−80
ns
tPLAZ
address float time to PSEN
−
10
−
10
ns
External data memory
tLHLL
ALE pulse duration
43
−
2 tCK−40
−
ns
tAVLL
address set-up time to ALE
17
−
tCK−25
−
ns
tLLAX
address hold time after ALE
17
−
tCK−25
−
ns
tRLRH
RD pulse duration
150
−
6 tCK−100
−
ns
tWLWH
WR pulse duration
150
−
6 tCK−100
−
ns
tRLDV
RD to valid data input
−
118
−
5 tCK−90
ns
tRHDX
data hold time after RD
0
−
0
−
ns
tRHDZ
data float delay after RD
−
55
−
2 tCK−28
ns
tLLDZ
time from ALE to valid data input
−
183
−
8 tCK−150
ns
tAVDV
address to valid data input
−
210
−
9 tCK−165
ns
tLLWL
time from ALE to RD or WR
75
175
3 tCK−50
3 tCK+50
ns
tAVWL
time from address to RD or WR
92
−
4 tCK−75
−
ns
tWHLH
time from RD or WR HIGH to ALE HIGH
17
67
tCK−25
tCK+ 25
ns
tQVWX
data valid to WR transition
12
−
tCK−30
−
ns
tQVWH
data set-up time before WR
162
−
7 tCK−130
−
ns
tWHQX
data hold time after WR
17
−
tCK−25
−
ns
tRLAZ
address float delay after RD
−
0
−
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com