Electronic Components Datasheet Search
  English  ▼

X  

TC10 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC10
Description  Max. output 29V DC, 12A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC10 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC10 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC10 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC10 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Segments
• Care Motion
TC10
series
General Features
Number of motors
1~5
Number of controls
1~2
Max. output
29V DC, 12A
IP rating
IP66
Options
built-in battery and alarm buzzer
Input Voltage
100, 120, 230V AC, or 100~240V AC
(SMPS)
Built-in transformer type
EI, Toroidal, SMPS
Certificate
IEC60601-1, ES60601-1, IEC60601-1-2
Plug support
EU, USA, AUS, UK, or JPN
Color
Black or grey
Built-in power saving module


Similar Part No. - TC10

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
TC10 LAB WAVELENGTH-TC10 LAB Datasheet
2Mb / 5P
Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
June, 2025
TC10 LAB WAVELENGTH-TC10 LAB Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
logo
Allied Components Inter...
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
Toroidal Chokes
logo
ABB
TC100 ABB-TC100 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
Allied Components Inter...
TC100-100M-RC ALLIED-TC100-100M-RC Datasheet
377Kb / 1P
Toroidal Chokes
More results

Similar Description - TC10

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
Output to 12A 280 Vac DC Control
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TIP4 TIMOTION-TIP4 Datasheet
277Kb / 4P
Max. output 54V DC, 11.2A
20220322-B
TP6 TIMOTION-TP6 Datasheet
250Kb / 3P
Max. output 31.5V DC, 12A
20210527-C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com