Electronic Components Datasheet Search
  English  ▼

X  

TC11 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC11
Description  Max. output 32V DC, 6A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC11 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC11 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC11 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC11 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
General Features
Number of motors
1
Max. output
32V DC, 6A
Built-in transformer type
SMPS
Plug support
EU, USA, AUS, UK, or JPN
Certificate
UL508, PSE, SAA, EMC
Color
Black
Operational temperature range
+5°C~+45°C
0.1W standby power consumption
Compact design for height adjustable desks
Product Segments
• Comfort Motion
• Ergo Motion
TC11
series


Similar Part No. - TC11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
PFM/PWM Step-Up DC/DC Controller
2002
logo
Lite-On Technology Corp...
TC1100H LITEON-TC1100H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
Low Noise and Medium Power GaAs FETs
More results

Similar Description - TC11

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
TC2B TIMOTION-TC2B Datasheet
312Kb / 3P
Max. output 32V DC, 6.25A
20231110-K
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com