Electronic Components Datasheet Search
  English  ▼

X  

TC12 Datasheet(PDF) 6 Page - TiMOTION Technology Co. Ltd.

Part # TC12
Description  Max. output 24VDC, 10A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC12 Datasheet(HTML) 6 Page - TiMOTION Technology Co. Ltd.

  TC12 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC12 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC12 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TC12 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TC12 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TC12 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TC12 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TC12 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TC12 Ordering Key
TC12
Version: 20230925-P
Number of Actuators
1 = 1
2 = 2
3 = 3
Battery Pack
See page 8
IP Rating
3 = 24V DC / 2.9Ah + LED power indicator
4 = 24V DC / 5.0Ah + LED power indicator
8 = 2.5Ah (lithium battery) + LED power indicator
9 = 4.5Ah (lithium battery; Hazardous packaging) + LED power indicator
B = 10Ah (lithium battery; Hazardous packaging) + LED power indicator
1 = Without
2 = IP54
3 = IP66
Color
1 = Standard (Upper housing: light grey 1C; Lower Housing: cold grey 5C)
Digital Display
1 = Black / white display, 2 buttons
2 = Color display, 2 buttons
3 = Without display, no button
4 = Without display, 2 buttons
5 = Without display, 4 buttons, LED power indicator
6 = Without display, 4 buttons
8 = Without display, 2 buttons, LED power indicator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com