Electronic Components Datasheet Search
  English  ▼

X  

TC15P Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC15P
Description  Max. output 32V DC, 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC15P Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC15P Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC15P Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC15P Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TC15P is an upgraded control box for the 2-leg height adjustable desk. With
a similar appearance as the TC15, the TC15P has an additional port for an
external battery, which gives mobility to your sit-stand desk. In addition, the
TC15P has integrated t-touch and built-in Bluetooth options that protect your
desk from material damage and enable the desk to be operated via our mobile
desk app. With advanced PCB, the TC15P makes it possible to add a USB or
wireless charging device onto the system. This new generation TiMOTION
control box makes 0.1W low standby power standard. With the TC15P, you
can easily utilize all the features you want for your sit-stand desk.
Product Segments
• Ergo Motion
TC15P
series
General Features
Number of motors
2
Max. output
32V DC, 10A
Back-up battery
External battery
Options
Support t-touch/Bluetooth built-in and
charging accessory
Built-in transformer type
SMPS
Plug support
EU, USA, AUS, UK, or JPN
Color
Black
Operational temperature range
+5°C~+45°C
0.1 or 0.5W standby power consumption
Compact design for height adjustable desks


Similar Part No. - TC15P

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
logo
Wavelength Electronics,...
TC15 LAB WAVELENGTH-TC15 LAB Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
logo
Kingbright Corporation
TC15-11EWA KINGBRIGHT-TC15-11EWA Datasheet
216Kb / 4P
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11GWA KINGBRIGHT-TC15-11GWA Datasheet
214Kb / 4P
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11SRWA KINGBRIGHT-TC15-11SRWA Datasheet
212Kb / 4P
38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
More results

Similar Description - TC15P

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC18P TIMOTION-TC18P Datasheet
193Kb / 3P
Max. output 32V DC, 10A
20200706-B
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
TC2B TIMOTION-TC2B Datasheet
312Kb / 3P
Max. output 32V DC, 6.25A
20231110-K
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com