Electronic Components Datasheet Search
  English  ▼

X  

TC18P Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC18P
Description  Max. output 32V DC, 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC18P Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC18P Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC18P Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC18P Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TC18P is an upgraded control box for the 2-leg height adjustable desk.
Although physically thinner, the TC18P functions similarly to the TC15P. It also
has integrated t-touch and built-in Bluetooth options that protect your desk
from material damage, while enabling the desk to be operated via our mobile
desk app.
With advanced PCB, the TC18P makes it possible to add a USB or wireless
charging device to the system. This new generation TiMOTION control box
makes the 0.1W low standby power standard. Also, with the TC18P, you can
easily utilize all the features you want for your sit-stand desk.
Product Segments
• Ergo Motion
TC18P
series
General Features
Number of motors
2
Max. output
32V DC, 10A
Options
Supports t-touch/Bluetooth built-in,
charging accessory
Built-in transformer type
SMPS
Plug support
EU, USA, AUS, UK, or JPN
Color
Black
0.1W standby power consumption
Compact design for height adjustable desks


Similar Part No. - TC18P

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
TC18 PETERMANN-TC18 Datasheet
26Kb / 2P
HIGH RELIABILITY FOR LOW COST FREQUENCY STABILITY TO -1.0 PPM
logo
Topstek Inc.
TC18.5A4V TOPSTEK-TC18.5A4V Datasheet
154Kb / 4P
Topstek Current Transducer
logo
Lite-On Technology Corp...
TC1800H LITEON-TC1800H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Transcom, Inc.
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
5W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
5W High Linearity and High Efficiency GaAs Power FETs
More results

Similar Description - TC18P

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
Max. output 32V DC, 6A
20230317-I
TC11P TIMOTION-TC11P Datasheet
167Kb / 3P
Max. output 32V DC, 6A
20220309-D
TC15 TIMOTION-TC15 Datasheet
214Kb / 3P
Max. output 32V DC, 10A
20230317-J
TC15P TIMOTION-TC15P Datasheet
197Kb / 3P
Max. output 32V DC, 10A
20220613-G
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
Max. output 32V DC, 10A
20211105-F
TC16P TIMOTION-TC16P Datasheet
191Kb / 3P
Max. output 32V DC, 10A
20230316-D
TC17 TIMOTION-TC17 Datasheet
298Kb / 3P
Max. output 32V DC, 6.25A
20180821-D
TC22 TIMOTION-TC22 Datasheet
218Kb / 3P
Max. output 32V DC, 12A
20220420-E
TC26 TIMOTION-TC26 Datasheet
377Kb / 3P
Max. output 32V DC, 6A
20230213-E
TC2B TIMOTION-TC2B Datasheet
312Kb / 3P
Max. output 32V DC, 6.25A
20231110-K
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com