Electronic Components Datasheet Search
  English  ▼

X  

TC7 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TC7
Description  Operational temperature range 5°C~45°C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TC7 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TC7 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TC7 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TC7 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
General Features
Number of motors
1~2
Certificate
EMC
Color
Black or grey
Operational temperature range
+5°C~+45°C
Specially designed for 2 actuators with synchronized movement
Product Segments
• Comfort Motion
TC7
series


Similar Part No. - TC7

ManufacturerPart #DatasheetDescription
logo
France Joint
TC7 FRANCEJOINT-TC7 Datasheet
321Kb / 5P
STANDARD SHAFT SEALS
logo
Topstek Inc.
TC7.5A4V TOPSTEK-TC7.5A4V Datasheet
154Kb / 4P
Topstek Current Transducer
logo
Ferroxcube Internationa...
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
Ferrite toroids
TC7.6-3E28 FERROXCUBE-TC7.6-3E28 Datasheet
45Kb / 3P
Ferrite toroids
TC7.6-3E28 FERROXCUBE-TC7.6-3E28 Datasheet
43Kb / 3P
Ferrite toroids
More results

Similar Description - TC7

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TDH17 TIMOTION-TDH17 Datasheet
229Kb / 4P
Operational temperature range 5°C~45°C
20230616-C
TDH2 TIMOTION-TDH2 Datasheet
194Kb / 3P
Operational temperature range 5°C~45°C
20201027-D
TDH20P TIMOTION-TDH20P Datasheet
414Kb / 3P
Operational temperature range 5°C~45°C
20220809-G
TDH5 TIMOTION-TDH5 Datasheet
285Kb / 3P
Operational temperature range 5°C~45°C
20230215-E
TDH8 TIMOTION-TDH8 Datasheet
152Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8D TIMOTION-TDH8D Datasheet
169Kb / 3P
Operational temperature range 5°C~45°C
20230503-C
TDH8P TIMOTION-TDH8P Datasheet
312Kb / 3P
Operational temperature range 5°C~45°C
20230503-D
TFH36 TIMOTION-TFH36 Datasheet
171Kb / 3P
Operational temperature range 5°C~45°C
20231026-A
TP4 TIMOTION-TP4 Datasheet
241Kb / 4P
Operational temperature range 5°C~45°C
20220207-I
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
Operational temperature range 5°C~45°C
20220209-F
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com