Electronic Components Datasheet Search
  English  ▼

X  

P83CL781 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P83CL781
Description  Low voltage 8-bit microcontrollers with UART and I2C-bus
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL781 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P83CL781 Datasheet HTML 18Page - NXP Semiconductors P83CL781 Datasheet HTML 19Page - NXP Semiconductors P83CL781 Datasheet HTML 20Page - NXP Semiconductors P83CL781 Datasheet HTML 21Page - NXP Semiconductors P83CL781 Datasheet HTML 22Page - NXP Semiconductors P83CL781 Datasheet HTML 23Page - NXP Semiconductors P83CL781 Datasheet HTML 24Page - NXP Semiconductors P83CL781 Datasheet HTML 25Page - NXP Semiconductors P83CL781 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
1997 Mar 14
22
Philips Semiconductors
Product specification
Low voltage 8-bit microcontrollers with
UART and I2C-bus
P83CL781; P83CL782
12.4
Status of external pins
The status of the external pins during Idle and Power-down
mode is shown in Table 4. If the Power-down mode is
activated whilst accessing external Program Memory, the
port data that is held in the Special Function Register P2 is
restored to Port 2.
If the data is a logic 1, the port pin is held HIGH during the
Power-down mode by the strong pull-up transistor ‘p1’;
see Fig.9(a).
Table 4
Status of external pins during Idle and Power-down modes
12.5
Power Control Register (PCON)
The reduced power modes are activated by software using this Special Function Register. PCON is not bit addressable.
Table 5
Power Control Register (SFR address 87H)
Table 6
Description of PCON bits
Note
1. If logic 1s are written to PD and IDL at the same time, PD takes precedence. The reset value of PCON is (0XX00000).
MODE
MEMORY
ALE
PSEN
PORT 0
PORT 1
PORT 2
PORT 3
Idle
internal
1
1
port data
port data
port data
port data
Idle
external
1
1
floating
port data
address
port data
Power-down
internal
0
0
port data
port data
port data
port data
Power-down
external
0
0
floating
port data
port data
port data
76543210
SMOD
−−−
GF1
GF0
PD
IDL
BIT
SYMBOL
FUNCTION
PCON.7
SMOD
Double Baud rate bit. When set to a logic 1 the baud rate is doubled when the serial port
SIO0 is being used in modes 1, 2 or 3.
PCON.6
−
Reserved
PCON.5
−
Reserved
PCON.4
−
Reserved
PCON.3
GF1
General purpose flag bit
PCON.2
GF0
General purpose flag bit
PCON.1
PD
Power-down bit. Setting this bit activates the Power-down mode; see note 1.
PCON.0
IDL
Idle mode bit. Setting this bit activates the Idle mode; see note 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com