Electronic Components Datasheet Search
  English  ▼

X  

P83CL882T/001 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # P83CL882T/001
Description  80C51 Ultra Low Power ULP telephony controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CL882T/001 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button P83CL882T/001 Datasheet HTML 33Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 34Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 35Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 36Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 37Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 38Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 39Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 40Page - NXP Semiconductors P83CL882T/001 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
2001 Jun 19
37
Philips Semiconductors
Product specification
80C51 Ultra Low Power (ULP) telephony controller
P83CL882
6.6
Timer 2
Timer 2 is a 16-bit timer/counter which can operate as either an event timer or an event counter. Timer 2 has three
operating modes: capture, auto-reload up/down counting and clock output mode. The modes are selected using T2CON.
6.6.1
TIMER 2SPECIAL FUNCTION REGISTERS
Timer 2 has six SFRs that can be read and written by the CPU. These registers are: T2CON, T2MOD, T2H, T2L, T2RCH
and T2RCL. Timer 2 register values can be changed by hardware or software. If an update by hardware and software
occurs in one of the registers T2H, T2L, T2RCH or T2RCL, the update by software has precedence.
Table 47 Timer 2 related SFRs
6.6.1.1
Timer 2 Control Register (T2CON)
Table 48 Timer 2 Control Register (SFR address C8H)
Table 49 Description of T2CON bits
SFR
DESCRIPTION
SFR ADDRESS
RESET VALUE
T2CON
Timer 2 Control Register
C8H
00XX 0000
T2MOD
Timer 2 Mode Register
C9H
XXXX X000
T2L
Timer 2 Low byte Count Register
CCH
0000 0000
T2H
Timer 2 High byte Count Register
CDH
0000 0000
T2RCL
Timer 2 Low byte Capture/Reload Register
CAH
0000 0000
T2RCH
Timer 2 High byte Capture/Reload Register
CBH
0000 0000
76543210
T2F
EXF2
−−
EXEN2
TR2
C/T2
CP/RL2
BIT
SYMBOL
DESCRIPTION
7
T2F
Timer 2 overflow flag. Set by a Timer 2 overflow and must be cleared by software. TF2
will not be set when clock out mode is selected.
6
EXF2
Timer 2 external flag. Set on a negative transition on T2EX and bit EXEN2 = 1. In
Auto-reload mode it is toggled on an under- or overflow; this bit must be cleared by
software.
5 and 4
−
These 2 bits are reserved each must be set to logic 0.
3
EXEN2
Timer 2 external enable flag. Set by software only; when set, allows a capture or
reload to occur, together with an interrupt, as a result of a negative transition on input
T2EX if in Capture mode or Auto-reload mode with DCEN reset. If in Auto-reload mode
and DCEN is set, the EXEN2 bit has no influence. In the other modes EXF2 is set and
an interrupt is generated on a HIGH-to-LOW transition on the T2EX pin. When EXEN2
is reset, Timer 2 ignores events on pin T2EX in all modes.
2
TR2
START/STOP control for Timer 2. Set by software only; when set, the timer is started;
when reset the timer is stopped.
If Timer 2 is not enabled (TR2 = 0), the clock to Timer 2 is switched off for power saving.
1C/T2
Timer/counter select for Timer 2. Set by software only; when set the counter function
is selected, when reset the timer function is selected.
0
CP/RL2
Capture/Reload flag. Set by software only; selection of mode capture or reload; when
set the capture function is selected, when reset the reload function is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com