Electronic Components Datasheet Search
  English  ▼

X  

IRLML2402PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML2402PBF
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2402PBF Datasheet(HTML) 7 Page - International Rectifier

  IRLML2402PBF Datasheet HTML 1Page - International Rectifier IRLML2402PBF Datasheet HTML 2Page - International Rectifier IRLML2402PBF Datasheet HTML 3Page - International Rectifier IRLML2402PBF Datasheet HTML 4Page - International Rectifier IRLML2402PBF Datasheet HTML 5Page - International Rectifier IRLML2402PBF Datasheet HTML 6Page - International Rectifier IRLML2402PBF Datasheet HTML 7Page - International Rectifier IRLML2402PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRLML2402PbF
www.irf.com
7
Micro3 (SOT-23/TO-236AB) Part Marking Information
Micro3 (SOT-23) Package Outline
Dimensions are shown in millimeters (inches)
0.08
0.88
0.01
0.89
0.95 BSC
MILL IMET E RS
MIN
e
E
E1
D
L
A
A1
A2
c
M
O
B
S
Y
MIN
MAX
MAX
.036
.0375 BS C
DIME NS IONS
INCHE S
b0.30
bbb
0.15
.008
ccc
.006
0.25 BS C
L1
L
0.40
0.60
.0118 BS C
aaa
0.20
.004
0°
8°
8°
0°
2.80
1.20
0
E1
E
D
5
6
3
12
ccc
C B A
B
5
6
e
e1
A2
A
A1
bbb
C A B
3X b
aaa C
3 S URF
0
3X L
L1
H
4
7
2.10
e1
1.90 BSC
.075 BS C
.0119
.0032
.111
.083
.048
.055
.119
.103
.0196
.0078
.0039
.044
.0004
.035
.040
.0236
.0158
1.02
0.20
0.50
2.64
3.04
1.40
1.12
0.10
0.10
1.90
[.075]
0.95
[.0375]
0.972
[.038]
2.742
[.1079]
0.802
[.031]
RE COMMENDE D FOOTPRINT
3X
3X
NOTES
1. DIMENS IONING AND TOLERANCING PER ASME Y14.5M-1994.
4 DAT UM PL ANE H IS LOCATED AT THE MOLD PARTING LINE.
5 DAT UM A AND B TO BE DE TERMINED AT DATUM PLANE H.
6 DIME NS IONS D AND E1 ARE MEASURED AT DATUM PLANE H.
2. DIMENS IONS ARE SHOWN IN MILLIME TERS AND INCHES .
3. CONT ROLLING DIME NSION: MILLIMET ER.
7 DIME NS ION L IS T HE LEAD LENGTH F OR S OLDERING TO A SUBSTRATE.
8. OUTLINE CONF ORMS TO JEDE C OUTLINE TO-236AB.
PART NUMBER
PART NUMB ER CODE RE FE RENCE :
A = IRLML2402
H = IRLML5203
B = IRLML2803
C = IRLML6302
D = IRLML5103
G = IRLML2502
F = IRLML6401
E = IRLML6402
LOT
CODE
Y = YEAR
W = WE EK
W = (1-26) IF PRECEDED BY LAS T DIGIT OF CALE NDAR YEAR
W = (27-52) IF PRECEDED BY A LE T TER
26
Z
1994
1998
2000
1999
1996
1997
1995
YE AR
2002
2003
2001
30
D
D
50
51
52
H
K
J
F
G
E
X
Y
Z
WEEK
27
28
29
WORK
Y
B
C
A
W
B
C
A
2003
1997
2000
1999
1998
1995
1996
1994
2001
2002
YE AR
03
C
3
04
24
25
7
0
9
8
5
6
4
X
Y
D
01
02
WEEK
WORK
1
2
Y
A
B
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com