Electronic Components Datasheet Search
  English  ▼

X  

CMCP1100HT Datasheet(PDF) 1 Page - STI Vibration Monitoring Inc.

Part # CMCP1100HT
Description  Low-Cost Accelerometer with High Temperature Cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.

CMCP1100HT Datasheet(HTML) 1 Page - STI Vibration Monitoring Inc.

  CMCP1100HT Datasheet HTML 1Page - STI Vibration Monitoring Inc. CMCP1100HT Datasheet HTML 2Page - STI Vibration Monitoring Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMCP1100HT Series
Low-Cost Accelerometer with High Temperature Cable
Features
•
Compact Accelerometer
•
Integral FEP Jacketed Cable
•
High Temperature Cable (200°C)
•
100 mV/g ±10%
•
0.32 Hz to 10 kHz Frequency Response
•
Waterproof, Epoxy Encapsulated
•
UV and Oil Resistant
•
Stainless Steel Case
•
5, 10 and 20 Meter Stocked Cable Lengths
Typical Applications
Fans, Motors, Pumps, Compressors, Centrifuges, Conveyors, Air Handlers, Gearboxes, Rolls, Dryers, Presses,
Cooling, HVAC, Spindles, Machine Tooling, Process Equipment and many more.
Technical Performance
Mounted Base Resonance:
>25 kHz (nominal)
Sensitivity:
100 mV/g ±10% Nominal 80 Hz at 22°C
Frequency Response:
1.5 Hz to 8 kHz
±10% (90 cpm to 480 kcpm)
0.32 Hz to 10 kHz ±3dB
(19.2 cpm to 600 kcpm)
Isolation:
Case Isolated
Measurement Range:
±50 g
Transverse Sensitivity:
Less than 5%
Electrical
Supply Voltage:
18 to 28 VDC
Current Range:
2 to 20 mA
Bias Voltage:
8-12 Vdc
Electrical Noise:
0.1 mg max.
Settling Time:
2.5 Second
Output Impedance:
<100 Ohm max.
Case Isolation:
>108 Ohm at 500 Volt
Environmental
Operating Temperature Range:
-65 to 185°F (-54 to 85°C)
Sealing:
Epoxy Encapsulated
Maximum Shock:
7,000 g
Approvals:
CE Approved
Mechanical
Case Material:
Stainless Steel
Sensing Element:
PZT/Shear
Mounting Torque:
5.9 ft-lbs (8 Nm)
Weight:
2.5 Oz (70.7 gram)
Cable Jacket:
FEP (fluorinated ethylene propylene)
Cable Length:
See Ordering Information
Mounting Thread:
1/4-28 UNF


Similar Part No. - CMCP1100HT

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
Low-Cost Compact Accelerometer with M8 Connector
CMCP1100CT STI-CMCP1100CT Datasheet
578Kb / 2P
Low-Cost Accelerometer with Temperature Output
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
Low-Cost Compact Accelerometer with Integral Cable
CMCP1100SR STI-CMCP1100SR Datasheet
596Kb / 2P
Low-Cost Accelerometer with Pivotal Mount, Integral Cable
More results

Similar Description - CMCP1100HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3021 ETC1-3021 Datasheet
143Kb / 4P
OEM Accelerometer Piezoresistive Low Cost
logo
STI Vibration Monitorin...
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
Low-Cost Compact Accelerometer with M8 Connector
CMCP1100CT STI-CMCP1100CT Datasheet
578Kb / 2P
Low-Cost Accelerometer with Temperature Output
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
Low-Cost Compact Accelerometer with Integral Cable
CMCP1100SR STI-CMCP1100SR Datasheet
596Kb / 2P
Low-Cost Accelerometer with Pivotal Mount, Integral Cable
CMCP1100ST STI-CMCP1100ST Datasheet
584Kb / 2P
Low-Cost Accelerometer with Temperature Output, Integral Cable
CMCP1100T STI-CMCP1100T Datasheet
587Kb / 2P
Low-Cost Accelerometer with Temperature Output, Integral Cable
CMCP1300ST-T STI-CMCP1300ST-T Datasheet
580Kb / 2P
Low-Cost Triaxial Accelerometer with Temperature
CMCP1300T STI-CMCP1300T Datasheet
613Kb / 2P
Low-Cost Compact Triaxial Accelerometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com