Electronic Components Datasheet Search
  English  ▼

X  

PCF85063ATT Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF85063ATT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATT Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF85063ATT Datasheet HTML 36Page - NXP Semiconductors PCF85063ATT Datasheet HTML 37Page - NXP Semiconductors PCF85063ATT Datasheet HTML 38Page - NXP Semiconductors PCF85063ATT Datasheet HTML 39Page - NXP Semiconductors PCF85063ATT Datasheet HTML 40Page - NXP Semiconductors PCF85063ATT Datasheet HTML 41Page - NXP Semiconductors PCF85063ATT Datasheet HTML 42Page - NXP Semiconductors PCF85063ATT Datasheet HTML 43Page - NXP Semiconductors PCF85063ATT Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
SCL
SDA
tHD;STA
tSU;DAT
tHD;DAT
tf
tBUF
tSU;STA
tLOW tHIGH
tVD;ACK
013aaa417
tSU;STO
protocol
START
condition
(S)
bit 7
MSB
(A7)
bit 6
(A6)
bit 0
(R/W)
acknowledge
(A)
STOP
condition
(P)
1/fSCL
tr
tVD;DAT
Figure 30. I2C-bus timing diagram; rise and fall times refer to 30 % and 70 %
13 Application information
The data sheet values were obtained using a crystal with an ESR of 60 kΩ. If a crystal with an ESR of 70 kΩ is
used then the power consumption would increase by a few nA and the start-up time will increase slightly.
PCF85063A
MASTER
TRANSMITTER/
RECEIVER
OSCI
OSCO
VSS
SDA
R
aaa-004438
R
SCL
SDA
(I2C-bus)
SCL
SDA
SCL
INT
VDD CLKOE
VDD(2)
R1(1)
100 nF
R: pull-up resistor
R =
tr
Cb
CLKOUT
1 F
TP(3)
VDD(2)
A 1 farad super capacitor combined with a low VF diode can be used as a standby or back-up supply. With the RTC in its
minimum power configuration that is, timer off and CLKOUT off, the RTC may operate for weeks.
1. R1 limits the inrush current to the super capacitor at power-on.
2. NXP recommends tying VDD of the device and VDD of all the external pull-up resistors to the same Power Supply.
3. NXP also recommends the customer place accessible 'Pads/TP-test point' on the layout so as to enable a 'hard''
grounding of the power supply VDD in the event a full discharge cannot be attained.
Figure 31. Application diagram for PCF85063A
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
40 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com