Electronic Components Datasheet Search
  English  ▼

X  

FKX Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # FKX
Description  ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

FKX Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  FKX Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
360V.DC
390V.DC
330V.DC
350V.DC
(mm)
P
13.5
4.7
4.0
1.5
0.5
14
5.0
4.0
1.5
0.5
14.5
5.5
4.0
1.5
0.5
15
5.5
4.0
1.5
0.5
15.5
5.5
4.0
1.5
0.5
16
6.0
5.0
2.6
6.0
5.0
2.6
6.0
5.0
2.6
6.0
5.0
2.6
0.5
18
0.5
20
0.5
22
0.5
25
8.0
5.5
3.0
1.0
8.0
5.5
3.0
1.0
10.0
5.5
3.0
1.0
30
35
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
FKX
SERIES
FKX
Electrolytic capacitors for photoflash applications with lug terminal.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Withstand Voltage
Leakage Current(MAX)
Shelf Life
Items
Characteristics
Charge and Discharge
•
Double anode foil construction.
•
Compact and light weight.
•
RoHS compliance.
CAUTION
FEATURES
These Rubycon Photo Flash Capacitors are designed, manufactured and intended
solely for use in photo flash and other photographic equipment.
They are not intended for use in medical equipment.
Rubycon Corporation, Rubycon America, Inc., and Shin-Ei Capacitor Foil Company,
Ltd. expressly disclaim any warranties or representations as to the suitability or fitness
of these capacitors for use in medical equipment.
SPECIFICATIONS
DIMENSIONS
Rated Capacitance
0.10
0.15
(25°
C, 120Hz)
When rated capacitance is less than 300 µF with 330WV,
DF can be not more than 0.07.
Charge and discharge at rated voltage at 5 ∼ 35°C in every 30 seconds for 5000 times via Xe flash tube with discharge resistance of 0.7∼1.0Ω.
(mm)
Please check with us about individual
size and dimensions.
For other specifications, dimensions and terminal configurations, etc. please specify.
Dissipation Factor(MAX)
(tanδ)
-20 ∼ + 55°C
-10 ∼ + 20% (25°C, 120Hz)
I
=1×C (After 5 minutes application of rated voltage)
I
= Leakage Current ( µ A)
C= Rated Capacitance ( µ F)
( µ F)
150 ∼ 600
601 ∼ 1500
tanδ
Storage without voltage applied at 70°C for 500 hours and measured at 25°C 5°C after voltage processing in JIS C 5102 item 4.4.
+
-
Within
10% of the initial value.
+
-
φ D
P
W
α
φ 13.5
φ 15.5
Leakage Current
Dissipation Factor
Capacitance Change
Not more than 150% of the specified value.
Not more than 150% of the specified value.
+
-
Within
10% of the initial value.
Leakage Current
Dissipation Factor
Capacitance Change
Not more than 150% of the specified value.
Not more than 150% of the specified value.
11
11
SLEEVE
NEGATIVE
SLEEVE
NEGATIVE
φ 16
∼ φ 35
+
-
+
-
L
φ D
+ α MAX
+
-
+
-
L
φ D
+ α MAX


Similar Part No. - FKX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
FKX RUBYCON-FKX_15 Datasheet
379Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
More results

Similar Description - FKX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
CDF RUBYCON-CDF Datasheet
52Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
logo
RFE international
RF101V330VBK160250 RFE-RF101V330VBK160250 Datasheet
91Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RF Series: Radial Photo Flash
logo
List of Unclassifed Man...
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
RUBYCON CORPORATION
SF RUBYCON-SF_15 Datasheet
256Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
CDF RUBYCON-CDF_15 Datasheet
170Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR STROBE FLASH
FK RUBYCON-FK Datasheet
380Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
FKX RUBYCON-FKX_15 Datasheet
379Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
FW RUBYCON-FW Datasheet
149Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS FOR PHOTO FLASH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com