Electronic Components Datasheet Search
  English  ▼

X  

50F2D331J Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 50F2D331J
Description  POLYESTER FILM CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50F2D331J Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  50F2D331J Datasheet HTML 1Page - RUBYCON CORPORATION 50F2D331J Datasheet HTML 2Page - RUBYCON CORPORATION 50F2D331J Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATED VOLTAGE:50VDC
DIMENSIONS AND QUANTITY
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
50F2D471
**
50F2D561
**
50F2D681
**
50F2D821
**
50F2D102
**
50F2D122
**
50F2D152
**
50F2D182
**
50F2D222
**
50F2D272
**
50F2D332
**
50F2D392
**
50F2D472
**
50F2D562
**
50F2D682
**
50F2D822
**
50F2D103
**
50F2D123
**
50F2D153
**
50F2D183
**
50F2D223
**
50F2D273
**
50F2D333
**
50F2D393
**
50F2D473
**
50F2D563
**
50F2D683
**
50F2D823
**
50F2D104
**
50F2D124
**
50F2D154
**
50F2D184
**
50F2D224
**
50F2D274
**
50F2D334
**
50F2D394
**
50F2D474
**
AB
CF
0.5
d
Bag
Carton
AB, D
C
E
5.5
5.5
5.5
5.5
5.0
5.0
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
6.0
6.0
6.0
6.5
6.5
6.5
7.5
7.5
7.5
8.0
8.0
8.5
8.5
9.0
10.0
10.5
11.0
11.5
12.5
13.0
3.0
3.0
3.0
3.0
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
3.5
3.5
4.0
4.0
4.5
4.5
5.5
5.5
6.0
6.5
7.0
6.5
7.0
7.5
8.5
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
8.5
8.5
9.0
9.0
9.0
9.0
9.5
10.0
10.0
10.5
10.5
11.5
11.5
11.5
12.0
14.0
14.0
14.5
14.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
3.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.5
7.5
7.5
7.5
7.5
7.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
8,000
8,000
8,000
8,000
8,000
5,000
5,000
5,000
4,000
4,000
4,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,500
1,000
1,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
500
500
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
Long Lead type
Taping Ammo pack type - style
RATED VOLTAGE:100VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
100F2D471
**
100F2D561
**
100F2D681
**
100F2D821
**
100F2D102
**
100F2D122
**
100F2D152
**
100F2D182
**
100F2D222
**
100F2D272
**
100F2D332
**
100F2D392
**
100F2D472
**
100F2D562
**
100F2D682
**
100F2D822
**
100F2D103
**
100F2D123
**
100F2D153
**
100F2D183
**
100F2D223
**
100F2D273
**
100F2D333
**
100F2D393
**
100F2D473
**
100F2D563
**
100F2D683
**
100F2D823
**
100F2D104
**
100F2D124
**
100F2D154
**
100F2D184
**
100F2D224
**
AB
CF
LS
0.5
d
Bag
Carton
AB, D
C
E
5.5
5.5
5.5
5.5
5.0
5.0
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
6.5
6.5
6.5
7.0
7.0
8.0
8.0
8.0
8.0
8.0
9.0
9.0
9.0
9.5
10.0
10.5
11.5
12.0
13.0
3.0
3.0
3.0
3.0
2.5
2.5
2.5
2.5
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.5
3.5
3.5
3.5
4.0
4.0
4.0
4.5
4.5
5.5
5.5
6.0
6.0
6.0
7.0
7.0
8.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
9.5
9.5
9.5
10.0
10.0
10.0
12.0
12.0
12.0
12.0
13.0
13.0
13.0
13.0
13.0
15.0
15.0
15.0
15.0
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
3.5
0.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
5.0
1.0
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
7.5
1.5
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
10,000
8,000
8,000
5,000
5,000
5,000
4,000
4,000
4,000
4,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
1,000
1,000
1,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
S
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
2,500
2,500
2,500
2,500
2,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
1,000
S
TV
TF
TS
TV
TF
TS
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
Long Lead type
Taping Ammo pack type - style
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
: Tolerance (J:
5%, K:
10%)
** : Suffix
: Tolerance (J:
5%, K:
10%)
** : Suffix
cap (
µF)
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
LS 0.5
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
+
-
+
-
cap (
µF)
POLYESTER FILM CAPACITORS
F2D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com