Electronic Components Datasheet Search
  English  ▼

X  

JGV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # JGV
Description  105oC Long Life, High Temperature Reflow Soldering.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

JGV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  JGV Datasheet HTML 1Page - RUBYCON CORPORATION JGV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• RoHS compliance.
JGV
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
0.30
6.3
0.24
10
0.20
16
0.16
25
0.14
35
0.12
0.35 0.26 0.24 0.18 0.14 0.12
50
6.3
88
10
4
16
4
25
3
35
3
432222
50
After applying rated voltage with rated ripple current for 2000 hrs at 105°
C, the capacitors shall meet the following requirements.
105
oC Long Life, High Temperature Reflow Soldering.
FEATURES
• Load Life : 105°C 2000 hours.
• High Temperature reflow soldering is available.
• Available for high density mounting.
NEW
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
Rated Voltage
(V)
16
25
35
6.3
10
Rated Voltage code
CE
V
50
H
jA
MARKING
Series
Lot No.
Capacitance
Rated voltage code
∗Voltage Code
Polarity of the terminals
AA
47
CJG
SERIES
JGV
I
=0.01CV or 3
µA whichever is greater.
(After 2 minutes application of rated voltage)
Leakage Current
Dissipation Factor
Capacitance Change
Within
25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
Coefficient
60(50) 120
500
1k
10k
0.50
1.00
1.20
1.30
1.50
0.65
1.00
1.20
1.30
1.50
0.80
1.00
1.20
1.30
1.50
0.80
0.1
∼1 µF
2.2
∼4.7 µF
10
∼47 µF
100
∼1000 µF
1.00
1.10
1.15
1.20
When rated capacitance is over 1000
µF, tanδ shall be added 0.02 to the listed value with increase of every 1000 µF.
SPECIFICATIONS
MULTIPLIER FOR RIPPLE CURRENT
Frequency coefficient
PART NUMBER
JGV
Series
D
×L
Case Size
Rated Voltage
Option
Rated Capacitance
Capacitance Tolerance
Dissipation Factor(MAX)
(tan
δ)
I=Leakage Current
(
µA)
C=Rated Capacitance(
µF)
V=Rated Voltage(V)
Rated Voltage
(V)
tan
δ
(20°C, 120Hz)
Rated Voltage
(V)
(120Hz)
Frequency
(Hz)
∗
-55
∼+105°C
6.3
∼ 50V.DC
20% (20°C, 120Hz)
+
-
+
-
Z(
-25°C) /Z(20°C)
Z(
-40°C) /Z(20°C)
=
<
φ6.3
×8,φ8∼φ10
φ4,φ5,φ6.3
×6.1


Similar Part No. - JGV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV_15 Datasheet
154Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - JGV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
logo
RUBYCON CORPORATION
JEV RUBYCON-JEV Datasheet
62Kb / 2P
85oC Standard, High Temperature Reflow Soldering.
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
Compatible with reflow soldering
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
Long Life - High temperature ??RoHS Compliant
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
High temperature - High voltage ??Long Life (10k Hrs)
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
High Temperature - High Voltage ??Long Life
logo
Murata Manufacturing Co...
GCQ1555C1HR68CB01 MURATA-GCQ1555C1HR68CB01 Datasheet
760Kb / 26P
Only Reflow Soldering
logo
PHOENIX CONTACT
1156904 PHOENIX-1156904 Datasheet
479Kb / 16P
SMD socket, Reflow soldering
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com