Electronic Components Datasheet Search
  English  ▼

X  

CL51 Datasheet(PDF) 2 Page - Vaisala

Part # CL51
Description  Ceilometer CL51 for high-range cloud height detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

CL51 Datasheet(HTML) 2 Page - Vaisala

  CL51 Datasheet HTML 1Page - Vaisala CL51 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Measurement performance
Measurement range
0 … 13 km (0 … 43 000 ft)
Backscatter profiling range
0 … 15 km (0 … 49 200 ft)
Reporting resolution
10 m (30 ft), units selectable
Reporting cycle
6 … 120 s, or polling
Distance measurement accuracy
against a hard target
Greater of ±1 % or ±5 m (16 ft)
Inputs and outputs
Operating voltage
115/230 V AC
100 – 127 V AC, 207 – 253 V AC
Power consumption (typical)
310 W
Backup battery
12 V internal, 2 Ah
Overvoltage category
II
Interfaces
Data
• RS‑232
• RS‑485, multidrop, 2‑wire
• DXL421 modem module
• LAN (Ethernet) interface option
Maintenance
RS‑232
Baud rate
RS‑232 / RS‑485
300 … 115 200 bps
Modem V.21, V.22
300 … 1200 bps
Operating environment
Operating temperature
−55 … +60 °C (−67 … +140 °F)
Operating humidity
0 … 100 %RH
Wind tolerance
Up to 55 m/s (123 mph)
Vibration
Lloyds Register / IEC 60068‑2‑6
5 … 13.2 Hz, ±1.0 mm
13.2 … 100 Hz, ±0.7 g
9.1 … 150 Hz, ±0.5 g
Pollution degree
Maximum operating altitude
IP rating
2
3000 m (approx. 9800 ft)
IP65 (measurement unit)
Mechanical specifications
Dimensions
Measurement unit
834 × 266 × 264 mm
(32.83 × 10.47 × 10.40 in)
Height with radiation shield
1531 mm (60.28 in)
Total
1531 × 335 × 324 mm
(60.28 × 13.19 × 12.76 in)
Weight
Measurement unit
18.6 kg (41 lb)
Radiation shield and blower
27.4 kg (60.4 lb)
Total
46 kg (101.41 lb)
Plywood transport container
Container size
1650 × 540 × 480 mm
(65 × 21.26 × 18.90 in)
Shipping weight
Typically 75 kg (165.3 lb)
Spare parts and accessories
Cable termination box with extra
transient protection
Termbox-1200
PC maintenance cable
QMZ101
Shock absorbing mounting pad for ship
installations
CT35022
Modem
DXL421
Attachment mechanics for radio
modem antenna
CL51RADIOKIT
Graphical User Interface for
Ceilometers
CL-VIEW
Boundary Layer View Software for
Ceilometers
BL-VIEW
Bird deterrent
CL51BIRDKIT
Air Quality Plug and Play Package for
Ceilometer with laptop and pre-
installed BL‑View
CLAQPACKAGE
Compliance
EU directives and regulations
LVD, EMC, RoHS
EMC immunity
IEC/EN 61326‑1, industrial
environment
EMC emissions
CISPR 32 / EN 55032, Class B
EN 61000-3-2
EN 61000-3-3
Electrical safety
IEC/EN 60950
Environmental
IEC/EN 63000
Eye safety
IEC/EN 60825-1:2014
Compliance marks
CE, RCM, China RoHS, UKCA
Published by Vaisala | B210861EN-
G.1 © Vaisala Oyj 2022
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com