Electronic Components Datasheet Search
  English  ▼

X  

DMP8 Datasheet(PDF) 2 Page - Vaisala

Part # DMP8
Description  DMP8 Dew Point and Temperature Probe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

DMP8 Datasheet(HTML) 2 Page - Vaisala

  DMP8 Datasheet HTML 1Page - Vaisala DMP8 Datasheet HTML 2Page - Vaisala DMP8 Datasheet HTML 3Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Measurement performance
Dew point
Sensor
DRYCAPâ 180M
Measurement range
−70 … +80 °C (−94 … +176 °F) Td/f
Measurement range for continuous use −70 … +45 °C (−94 … +113 °F) Td/f
Accuracy up to 20 bar/290 psia
±2 °C/±3.6 °F Td/f
See accuracy graph
Accuracy, 20 … 40 bar/290 … 580 psia
Additional inaccuracy +1 °C Td/f
Response time 63 % [90 %] 1):
From dry to wet
5 s [15 s]
From wet to dry
45 s [8 min]
Temperature
Measurement range
0 … +80 °C (+32 … +176 °F)
Accuracy
±0.2 °C at room temperature
Temperature sensor
Pt100 RTD Class F0.1 IEC 60751
Relative humidity
Measurement range
0 … 70 %RH
Accuracy (RH <10 %RH, at + 20 °C)
±0.004 %RH + 20% of reading
Concentration by volume (ppm)
Measurement range (typical)
10 … 2500 ppm
Accuracy (at + 20 °C, 1 bar)
1 ppm + 20% of reading
1)
Tested with sintered filter.
-40
-20
0
20
40
60
-40
-20
0
20
40
60
80
-60
-80
80
Area not recommended for
continuous measurement
Temperature of measured gas (°C)
Wat
er v
apor
satur
ation
line
Accuracy
±2 °C Td/f
Accuracy
±3 °C Td/f
Dew point accuracy vs. measurement conditions
Operating environment
Operating temperature for probe head −40 … +80 °C (−40 … +176 °F)
Operating temperature for probe body −40 … +80 °C (−40 … +176 °F)
Storage temperature
−40 … +80 °C (−40 … +176 °F)
Operating pressure for probe head
0 … 40 bar (0 … 580 psia)
Measurement environment
For air, nitrogen, hydrogen, argon,
helium, oxygen 1), and vacuum
IP rating for probe body
IP66
Mechanical durability of probe head
Up to +180 °C (+356 °F)
Up to 70 bar/1015 psia
1)
Consult Vaisala if other chemicals are present. Consider safety regulations with flammable gases.
Inputs and outputs
Operating voltage
15 … 30 V DC
Current consumption
10 mA typical, 500 mA max.
Digital output
RS-485, non-isolated
Protocols
Modbus RTU
Output parameters
Absolute humidity (g/m3)
Relative humidity (%RH)
Absolute humidity at NTP (g/m3)
Relative humidity (dew/frost) (%RH)
Dew point temperature (°C)
Temperature (°C)
Dew/frost point temperature (°C)
Water concentration (ppmv)
Dew/frost point temperature at 1 atm
(°C)
Water concentration (wet basis)
(vol‑%)
Dew point temperature at 1 atm (°C)
Water mass fraction (ppmw)
Dew point temperature difference (°C) Water vapor pressure (hPa)
Enthalpy (kJ/kg)
Water vapor saturation pressure
(hPa)
Mixing ratio (g/kg)
Compliance
EU directives and regulations
EMC Directive (2014/30/EU)
RoHS Directive (2011/65/EU)
amended by 2015/863
EMC compatibility
EN 61326‑1, industrial environment
Compliance marks
CE, China RoHS, RCM
Mechanical specifications
Connector
M12 5-pin A-coded male
Weight
512 g (18.1 oz)
Probe cable length
2 m (6.56 ft)
Materials
Probe
AISI 316L
Probe body
AISI 316L
Cable jacket
FEP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com