Electronic Components Datasheet Search
  English  ▼

X  

FD70 Datasheet(PDF) 1 Page - Vaisala

Part # FD70
Description  Forward Scatter Sensor FD70
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

FD70 Datasheet(HTML) 1 Page - Vaisala

  FD70 Datasheet HTML 1Page - Vaisala FD70 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Forward Scatter Sensor FD70
Features
• Visibility up to 100 km (62 mi)
• Precipitation type identification,
intensity, and accumulation
• Droplet size distribution and
reflectivity
• Exceptional precipitation
detection sensitivity
• Superior liquid/frozen
differentiation
• Look-down geometry to minimize
measurement disturbances
• Enhanced visibility measurement
in sand dust conditions
Vaisala Forward Scatter Sensor FD70 combines forward scatter and optical
disdrometer technologies. FD70 sets the standard in precipitation identification and
quantification, providing best-in-class visibility determination.
Innovative technology
Novel use of a single thin light sheet
instead of the conventional light cone
results in high detection sensitivity,
enabling scatter-property analysis of
each single particle and allowing
detection of even the smallest drizzle
droplets. Particle size and fall speed
distributions provide additional
information, enhancing precipitation
type identification.
The receiver measures forward scattered
light at an angle of 42° with a very high
sampling rate and powerful signal
processing. Measurement arrangement
and method is patented.
Visibility measurement
FD70 forward scatter technology
provides the most representative
extinction coefficient (EXCO)
determination possible. Scatter-property
analysis reliably calculates the visibility-
reducing effect of precipitation, allowing
meteorological optical range (MOR)
reporting in the most challenging
conditions. FD70 covers all application
needs, including measurement
performance and capability
requirements for runway visual range
(RVR).
Precipitation measurement
Due to its innovative technology, FD70
reliably detects and identifies
precipitation types that have been
challenging for conventional
technologies.
Present weather identification 1) 2)
• Drizzle
• Rain
• Snow
• Snow grains
• Ice crystals
• Ice pellets
• Freezing drizzle
• Freezing rain
• Snow pellets
• Hail
• Fog
• Freezing fog
• Mist
• Haze
• Dust
1)
Optional
2) In addition to listed types, reports a
variety of mixed precipitation types
Reliable in all weather
FD70 has multiple features to ensure
reliable operation even in extreme
weather conditions. Effective hood
heating and proven look-down geometry
protect the sensor windows against
external disturbances. These are
complemented with independent optical
path monitoring and window
contamination compensation.
Self-diagnostics and modular design
enable short service times. Redundancy
of data communication is available for
critical cases such as airport use.
FD70 complies with ICAO, FAA, and
WMO requirements and uses WMO and
NWS weather codes in reporting.
Calibration traceability
To ensure specific visibility and rain
performance, Vaisala continuously
compares calibrated FD70 units against
reference sensors in the Vaisala outdoor
test field. Every delivered unit can be
traced back to this set of calibrated
reference sensors.


Similar Part No. - FD70

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD700 FAIRCHILD-FD700 Datasheet
36Kb / 1P
Ultra Fast Diodes
logo
New Jersey Semi-Conduct...
FD700 NJSEMI-FD700 Datasheet
123Kb / 2P
Ultra Fast Diodes
More results

Similar Description - FD70

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
FORWARD REFERENCE DIODE
logo
PCA ELECTRONICS INC.
EPC3008 PCA-EPC3008 Datasheet
39Kb / 1P
Forward Transformer
EPC3577G-LF PCA-EPC3577G-LF_15 Datasheet
47Kb / 1P
Forward Transformer
logo
PACELEADER INDUSTRIAL
SS0335ZCN-042-1 PACELEADER-SS0335ZCN-042-1 Datasheet
183Kb / 7P
Continuous Forward Current
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
Low Forward Voltage
logo
XFMRS Inc.
XF3076-EFD20S XFMRS-XF3076-EFD20S Datasheet
76Kb / 1P
FORWARD TRANSFORMER
logo
Xilinx, Inc
DS440 XILINX-DS440 Datasheet
744Kb / 32P
0 Channelized Direct Memory Access and Scatter Gather
logo
GeneSiC Semiconductor, ...
GBJ20B GENESIC-GBJ20B Datasheet
773Kb / 3P
Low forward voltage, high forward current
GBJ30B GENESIC-GBJ30B Datasheet
791Kb / 3P
Low forward voltage, high forward current
GBJ35J GENESIC-GBJ35J Datasheet
780Kb / 3P
Low forward voltage, high forward current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com