Electronic Components Datasheet Search
  English  ▼

X  

FS11 Datasheet(PDF) 1 Page - Vaisala

Part # FS11
Description  Visibility Sensor FS11
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

FS11 Datasheet(HTML) 1 Page - Vaisala

  FS11 Datasheet HTML 1Page - Vaisala FS11 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Visibility Sensor FS11
Features
• Unique window contamination
correction
• Accurate and traceable forward
scattering measurement
• Technical design and high-power
heating according to FAA
guidelines
• Frangible composite fiber mast
• Can be upgraded for sensing
present weather
Benefits
• The most widely proven forward
scatter RVR sensor
• Visibility sensor selected and used
by FAA
• Meets FAA and ICAO
specifications
• Accurate and traceable
measurement
• Can be used for both aeronautical
and synoptical applications
• Minimal maintenance needs
• Meets ICAO frangibility standards
The main applications of FS11 are runway
visual range (RVR) and synoptical and
aeronautical visibility measurements.
FS11 is also well suited for other
demanding applications, such as
visibility measurement at ports and
harbors.
Scientifically Valid Chain of
Calibration
FS11 is calibrated through a scientifically
valid chain of reference. The scattering
response of the calibration device can be
clearly traced to a reference FS11 visibility
sensor, which is in continuous operation
at Vaisala outdoor test field along with
reference transmissometers and other
instrumentation. The visibility
measurement of FS11 is also traceable to
FAA reference sensors.
Low Maintenance Need
FS11 incorporates a technique that
measures and compensates for window
contamination. It ensures unparalleled
measurement accuracy between window
cleanings. It also enables much longer
window cleaning intervals than
compared to conventional visibility
sensors.
The unique system works by monitoring
the total reflectance of the window
surface. It automatically compensates for
visibility measurement errors caused by
window contamination.
The sophisticated self-diagnostics and
modular design allow for very short
service times. The measurement fork and
optional background luminance sensor
LM21 are independent instruments that
can be replaced quickly as pre-calibrated
spare parts.
Reliable Operation in
the Harshest Weather
Four main design features are combined
in FS11 to ensure reliable operation in
the harshest weather. The first is
the window contamination
compensation technique. The second is
the “head-down” design of the optical
heads, which protects them against
virtually all windblown particles (even
those flying horizontally).
High-power heaters are the third feature.
Each heater has its own temperature
monitoring and control mechanism to
prevent snow accumulation during
the heaviest snowstorm.
As a final measure, there is an optical
path clearance monitoring circuitry to
verify that measurement is not affected
by obstructions.
Visibility Sensor FS11 is intended for the most
demanding weather applications, such as runway visual
range (RVR), aeronautical and synoptical visibility. It
provides the optimal combination of the best accuracy,
the highest reliability, broad measurement range, and
low maintenance need.


Similar Part No. - FS11

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FS110 FS-FS110 Datasheet
280Kb / 2P
Schottky Rectifier
logo
Feeling Technology Corp...
FS1102 FEELING-FS1102 Datasheet
100Kb / 7P
Single Hall Effect Latch
FS1102G1 FEELING-FS1102G1 Datasheet
100Kb / 7P
Single Hall Effect Latch
logo
Fortune Semiconductor C...
FS1117 FORTUNE-FS1117 Datasheet
764Kb / 9P
1.0A Adjustable & Fixed Voltage LDO Linear Regulato
FS1117-12GJ FORTUNE-FS1117-12GJ Datasheet
764Kb / 9P
1.0A Adjustable & Fixed Voltage LDO Linear Regulato
More results

Similar Description - FS11

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
192AX25X CML-192AX25X Datasheet
421Kb / 1P
LED Indicator 14mm Standard Bezel Sunlight Visibility
192AX35X CML-192AX35X Datasheet
422Kb / 1P
LED indicator 14mm Standard Bezel Sunlight Visibility
1908X35X CML-1908X35X Datasheet
426Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel Sunlight Visibility
1909X25X CML-1909X25X Datasheet
427Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel Sunlight Visibility
logo
Dialight Corporation
P46-3R33-003 DIALIGHT-P46-3R33-003 Datasheet
65Kb / 1P
LED Lamp Modules for Programmable Visibility (PV) Signals
logo
List of Unclassifed Man...
450-2040-GRX ETC2-450-2040-GRX Datasheet
97Kb / 2P
High Visibility Color Knobs
450-3021 ETC2-450-3021 Datasheet
138Kb / 1P
High Visibility Color Knobs
450-3031 ETC2-450-3031 Datasheet
124Kb / 1P
High Visibility Color Knobs
450-3180-GRX ETC2-450-3180-GRX Datasheet
75Kb / 1P
High Visibility Color Knobs
logo
Omron Electronics LLC
2MDR01-85B1A OMRON-2MDR01-85B1A Datasheet
569Kb / 6P
High Visibility, Double Reflection LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com