Electronic Components Datasheet Search
  English  ▼

X  

HMP155 Datasheet(PDF) 2 Page - Vaisala

Part # HMP155
Description  HUMICAPâ Humidity and Temperature Probe HMP155
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

HMP155 Datasheet(HTML) 2 Page - Vaisala

  HMP155 Datasheet HTML 1Page - Vaisala HMP155 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data
HMP155 humidity measurement performance
Sensor
HUMICAPâR2, 180R and INTERCAP
for typical applications
HUMICAPâR2C, 180RC and
INTERCAPC for applications with
chemical purge and/or warmed probe
Observation range
0 … 100 %RH
Response time at +20 °C (+68 °F) in
still air with sintered Teflon filter
63 %: 20 s
90 %: 60 s
Factory calibration uncertainty at
+20 °C (+68 °F)1)
±0.6 %RH (0 … 40 %RH)
±1.0 %RH (40 … 95 %RH)
Accuracy (including non-linearity, hysteresis, and repeatability)
At +15 … +25 °C (+59 … +77 °F)
±1 %RH (0 … 90 %RH)
±1.7 %RH (90 … 100 %RH)
At −20 … +40 °C (−4 … +104 °F)
±(1.0 + 0.008 × reading) %RH
At −40 … −20 °C (−40 … −4 °F)
±(1.2 + 0.012 × reading) %RH
At +40 … +60 °C (+104 … +140 °F)
±(1.2 + 0.012 × reading) %RH
At −60 … −40 °C (−76 … −40 °F)
±(1.4 + 0.032 × reading) %RH
1)
Defined as ±2 standard deviation limits. Small variations possible (see also the calibration certificate).
HMP155 temperature measurement performance
Sensor
Pt100 RTD element, Class F 0.1
IEC 60751
Observation range
−80 … +60 °C (−112 … +140 °F)
Response time for additional
temperature probe in 3 m/s (7 mph) air
flow
63 %: < 20 s
90 %: < 35 s
Other measured variables
Dew point / frost point temperature,
wet bulb temperature, mixing ratio
Accuracy with voltage output
At −80 … +20 °C (−112 … +68 °F)
±(0.226 - 0.0028 × temperature) °C
At +20 … +60 °C (+68 … +140 °F)
±(0.055 + 0.0057 × temperature) °C
Accuracy with passive (resistive) output
According to Tolerance Class AA
IEC 607511)
±(0.1 + 0.0017 × |temperature|) °C
Accuracy with RS‑485 output
At −80 … +20 °C (−112 … +68 °F)
±(0.176 - 0.0028 × temperature) °C
At +20 … +60 °C (+68 … +140 °F)
±(0.07 + 0.0025 × temperature) °C
1)
Tolerance Class AA IEC 60751 corresponds to IEC 751 1/3 Class B
HMP155 accuracy over temperature range: voltage and
RS‑485
HMP155 operating environment
Operating temperature for humidity
measurement
−80 … +60 °C (−112 … +140 °F)
Storage temperature
−80 … +60 °C (−112 … +140 °F)
Operating humidity
0 … 100 %RH
IP rating
IP66
HMP155 inputs and outputs
Operating voltage
7 … 28 V DC
Minimum operating voltage
0 … 1 V output or RS‑485: 7 V
0 … 5 V output, or warmed probe:
12 V
0 … 10 V output, chemical purge, or
XHEAT: 16 V
Outputs
Voltage output: 0 … 1 V, 0 … 5 V,
0 … 10 V
Resistive Pt100 4‑wire connection
RS‑485
Average power consumption (+15 V DC,
load 100 kΩ)
0 … 1 V output: < 3 mA
0 … 10 V output: +0.5 mA
RS-485: < 4 mA
During chemical purge: Maximum
110 mA
With warmed probe: Maximum
150 mA
Settling time at startup
Voltage output: 2 s
RS-485: 3 s
HMP155 mechanical specifications
Dimensions (H × W)
279 × 40 mm (10.9 × 1.6 in)
Weight
93 g (3.25 oz)
Length of additional T‑probe cable
2 m (6 ft 7 in)
Connection
8-pin male M12 connector
Connection cables
3.5 m (11 ft 6 in), 10 m (32 ft 10 in),
30 m (98 ft 5 in)
Maximum wire size
0.129 mm2 (26 AWG)
Service cables
USB connection cable
MI70 connection cable
Materials
Filter
Sintered Teflon or membrane
Housing
Polycarbonate (PC)
Additional temperature probe
Stainless steel AISI 316L
Cable
PUR
24 [0.94]
86 [3.39]
279 [10.98]
266 [10.47]
mm
[in]
Dimensions in mm (inches)
Published by Vaisala | B210752EN-J © Vaisala Oyj 2021
www.vaisala.com
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com