Electronic Components Datasheet Search
  English  ▼

X  

MGP261 Datasheet(PDF) 2 Page - Vaisala

Part # MGP261
Description  MGP261 Multigas Probe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

MGP261 Datasheet(HTML) 2 Page - Vaisala

  MGP261 Datasheet HTML 1Page - Vaisala MGP261 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical data
Measurement performance
Property
Methane CH4
Carbon dioxide
CO2
Water vapor H2O
Sensor
CARBOCAPâ
CARBOCAPâ
CARBOCAPâ
Measurement unit Volume-%
Volume-%
Volume-%, dew
point °C
Measurement
range
0–100 vol-%
0–100 vol-%
0–25 vol-%,
−10 … +60 °C
(14 … +140 °F)
Accuracy at
+25 °C (+77 °F)
and 1013 hPa 1) 2)
• 0–40 vol-%:
±2 vol-%
• 40–70 vol-%:
±1 vol-%
• 70–100 vol-%:
±2 vol-%
• 0–30 vol-%:
±2 vol-%
• 30–50 vol-%:
±1 vol-%
• 50–100 vol-%:
±2 vol-%
0–25 vol-%:
±0.5 vol-%
Repeatability 2)
±0.5 vol-% at
60 vol-%
±0.3 vol-% at
40 vol-%
±0.1 vol-% at
2.5 vol-%
Temperature
dependence,
compensated
Compensated, 0–
100 vol-%:
±0.1 % of
reading/°C
Compensated, 0–
100 vol-%:
±0.1 % of
reading/°C
Compensated,
0–25 vol-%:
±0.1 % of
reading/°C
Temperature
dependence,
uncompensated
Uncompensated,
0–100 vol-%:
-0.9 % of
reading/°C
Uncompensated,
0–100 vol-%:
-0.9 % of
reading/°C
Uncompensated,
0–25 vol-%:
-0.4 % of
reading/°C
Pressure
dependence,
compensated
Compensated, 0–
100 vol-%:
±0.015 % of
reading/hPa
Compensated, 0–
100 vol-%:
±0.01 % of
reading/hPa
Compensated,
0–25 vol-%:
±0.06 % of
reading/hPa
Pressure
dependence,
uncompensated
Uncompensated,
0–100 vol-%:
+0.2 % of
reading/hPa
Uncompensated,
0–100 vol-%:
+0.2 % of
reading/hPa
Uncompensated,
0–25 vol-%:
+0.2 % of
reading/hPa
Long-term
stability
±2 vol-%/year
±2 vol-%/year
±2 vol-%/year
Start-up time 3)
30 s
Warm-up time 4)
2 min 5)
Response time
(T90)
90 s 6)
Response time
with flow-through
adapter
90 s at ≥ 0.5 l/min 6)
(recommended: 0.5–1 l/min)
1)
Excluding cross-interferences to other gases.
2) Accuracy specification at 25 °C (+77 °F) and 1013 hPa including non-linearity, calibration uncertainty,
and repeatability; temperature and pressure compensated.
3) Time to first reading
4) Time to specified accuracy
5) At +20 °C (+68 °F) ambient temperature
6) With standard PTFE filter
Inputs and outputs
Operating voltage
18–30 V DC
Power consumption
Typical: 3 W
Maximum: 6 W
Digital output
RS-485 (Modbus RTU)
Analog output
3 × 4–20 mA scalable, isolated
Analog output load
Minimum: 0 Ω
Maximum: 500 Ω
Analog output accuracy
±0.2 % of full scale at 25 °C (77 °F)
Analog output temperature
dependence
0.005 %/˚C (0.003 %/°F) full scale
Analog input (optional)
1 × 4–20 mA (Ex ia) for external
pressure or temperature sensor 1)
1)
The optional analog input is galvanically isolated and provides power for the connected external
pressure sensor.
Compliance
Electromagnetic compatibility (EMC)
EN 61326‑1, industrial environment
Compliance marks
CE, China RoHS, RCM
Ex approval marks
EU (ATEX), international (IECEx),
US/CAN (cMETus), Japan (CML),
UK(UKEX), Korea (KCs) 1)
Ex classification
Ex II 1/2 (1) G Ex eb mb [ia] IIB T3
Ga/Gb -40 °C ≤ Tamb ≤ +60 °C
Class I, Division 2, Groups C, D; T3
1)
See product documentation for full Ex classifications for each region.
Operating environment
Operating temperature range
−40 ... +60 °C (−40 ... +140 °F)
Operating humidity range
0–100 %RH
Storage temperature range
−40 ... +60 °C (−40 ... +140 °F)
Storage humidity range
0–90 %RH
Process pressure range
−500 ... +500 hPa
Process temperature range
+0 ... +60 °C (+32 ... +140 °F)
Process flow range
0–20 m/s
Mechanical specification
Weight
3 kg (6.6 lb)
Thread type
1.5" male NPT
Mechanical pressure tolerance
20 bar(g)
Cable lead-throughs
1 × M16×1.5
2 × M20×1.5
IP rating
IP66
Materials
Probe body
AISI316L stainless steel, PPS
Filter cap
Sintered PTFE
Options and accessories
Configuration cable (RS-485/USB) 1)
257295
Flow-through adapter
258877
Sintered PTFE filter (includes O-ring)
DRW249919SP
NPT 1.5" thread test plug
257525SP
1)
Vaisala Insight software for Windowsâ available at www.vaisala.com/insight
Ø 32
[1.26]
mm
[in]
NPT 1 .5” (MALE)
Ø 40 [1.57]
Ø 68 [2.67]
403 [15.87]
Ø 34 [1.34]
30 [1.18]
[1.85]
47
210 [8.27]
193 [7.6]
16.5 [0.65]
Ø 94 [3.7]
28 [1.1]
155 [6.1]
414 [16.3]
248 [9.76]
WRENCH 50 [1.97]
ALLEN 5 [3/16]
MGP261 dimensions
Published by Vaisala | B211728EN-F © Vaisala 2023
All rights reserved. Any logos and/or product names are trademarks of Vaisala or its individual partners.
Any reproduction, transfer, distribution or storage of information contained in this document is strictly
prohibited. All specifications — technical included — are subject to change without notice.
www.vaisala.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com